Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 16 Page - Texas Instruments

Part # SLMA002
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 12Page - Texas Instruments SLMA002 Datasheet HTML 13Page - Texas Instruments SLMA002 Datasheet HTML 14Page - Texas Instruments SLMA002 Datasheet HTML 15Page - Texas Instruments SLMA002 Datasheet HTML 16Page - Texas Instruments SLMA002 Datasheet HTML 17Page - Texas Instruments SLMA002 Datasheet HTML 18Page - Texas Instruments SLMA002 Datasheet HTML 19Page - Texas Instruments SLMA002 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
www.ti.com
Output Voltage Regulation
V
REF
V
OUT
- VREF
R2=R1´
(2)
1
2
3
4
14
13
12
11
PVDD2
BOOT2
SW2
BP
PVDD1
BOOT1
SW1
GND
TPS5428x
5
6
7
10
9
8
SEQ
ILIM2
FB2
EN1
EN2
FB1
R1
OUTPUT1
R2
UDG-07011
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
to support the desired regulation voltage by the time Soft Start has completed, then
the output UV circuit may trip and cause a hiccup in the output voltage. In this case,
use a timed delay startup from the ENx pin to delay the startup of the output until the
PVDDx voltage has the capability of supporting the desired regulation voltage. See
Operating Near Maximum Duty Cycleand Maximum Output Capacitance for related
information.
Each output has a dedicated feedback loop comprised of a voltage setting divider, an error amplifier, a pulse
width modulator, and a switching MOSFET. The regulation output voltage is determined by a resistor divider
connecting the output node, the FBx pin, and GND (see Figure 20). Assuming the value of the upper voltage
setting divider is known, the value of the lower divider resistor for a desired output voltage is calculated by
Equation 2.
where
• V
REF is the internal 0.8-V reference voltage
Figure 20. Feedback Network for Channel 1
DESIGN HINT
There is a leakage current of up to 12
µA out of the SW pin when a single output of
the TPS5428x is disabled. Keeping the series impedance of R1 + R2 less than 50 k
Ω
prevents the output from floating above the referece voltage while the controller output
is in the OFF state.
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com