Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 42 Page - Texas Instruments

Part # SLMA002
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 42 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 38Page - Texas Instruments SLMA002 Datasheet HTML 39Page - Texas Instruments SLMA002 Datasheet HTML 40Page - Texas Instruments SLMA002 Datasheet HTML 41Page - Texas Instruments SLMA002 Datasheet HTML 42Page - Texas Instruments SLMA002 Datasheet HTML 43Page - Texas Instruments SLMA002 Datasheet HTML 44Page - Texas Instruments SLMA002 Datasheet HTML 45Page - Texas Instruments SLMA002 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
www.ti.com
Additional Design Examples
Example 2: 24-V to 12-V and 24-V to 5-V
+
+
VOUT
(5 V/div)
VIN = 24 V
IOUT = 2 A
T − Time − 10 ns / div
VOUT
(5 V/div)
VIN = 24 V
IOUT = 2 A
T − Time − 10 ns / div
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
For a higher input voltage, both a snubber and bootstrap resistors are added to reduce ringing on the switch
node and a 30 V schottky diode is selected. A higher resistance feedback network is chosen for the 12 V output
to reduce the feedback current.
Figure 45. 24-V to 12-V and 24-V to 5-V Using the TPS54283
Figure 46. Switch Node Ringing Without Snubber and
Figure 47. Switch Node Ringeing With Snubber and
Boost Resistor
Boost Resistor
42
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com