Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 25 Page - Texas Instruments

Part # SLMA002
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 25 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 21Page - Texas Instruments SLMA002 Datasheet HTML 22Page - Texas Instruments SLMA002 Datasheet HTML 23Page - Texas Instruments SLMA002 Datasheet HTML 24Page - Texas Instruments SLMA002 Datasheet HTML 25Page - Texas Instruments SLMA002 Datasheet HTML 26Page - Texas Instruments SLMA002 Datasheet HTML 27Page - Texas Instruments SLMA002 Datasheet HTML 28Page - Texas Instruments SLMA002 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
www.ti.com
Inductor
Current
V
OUT
Ripple
SW Waveform
Steady State
V
IN
= 12 V
V
OUT
= 5 V
SW Waveform
V
OUT
Ripple
Inductor
Current
Skipping
V
IN
= 12 V
V
OUT
= 5 V
SW Node Ringing
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
Figure 31. Steady State
Figure 32. Skipping
DESIGN HINT
If additional output capacitance is required to reduce the output voltage ripple during
DCM operation, be sure to recheck Feedback Loop and Inductor-Capacitor (L-C)
Filter Selection and Maximum Output Capacitance sections.
A portion of the control circuitry is referenced to the SW node. To ensure jitter-free operation, it is necessary to
decrease the voltage waveform ringing at the SW node to less than 5 volts peak and of a duration of less than
30-ns. In addition to following good printed circuit board (PCB) layout practices, there are a couple of design
techniques for reducing ringing and noise.
SW Node Snubber
Voltage ringing observable at the SW node is caused by fast switching edges and parasitic inductance and
capacitance. If the ringing results in excessive voltage on the SW node, or erratic operation of the converter, an
R-C snubber may be used to dampen the ringing and ensure proper operation over the full load range.
DESIGN HINT
A series-connected R-C snubber (C = between 330 pF and 1 nF, R = 10
Ω)
connected from SW to GND reduces the ringing on the SW node.
Bootstrap Resistor
A small resistor in series with the bootstrap capacitor reduces the turn-on time of the internal MOSFET, thereby
reducing the rising edge ringing of the SW node.
DESIGN HINT
A resistor with a value between 1
Ω and 3Ω may be placed in series with the bootstrap
capacitor to reduce ringing on the SW node.
DESIGN HINT
Placeholders for these components should be placed on the initial prototype PCBs in
case they are needed.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com