Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 4 Page - Texas Instruments

Part # SLMA002
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 4 Page - Texas Instruments

  SLMA002 Datasheet HTML 1Page - Texas Instruments SLMA002 Datasheet HTML 2Page - Texas Instruments SLMA002 Datasheet HTML 3Page - Texas Instruments SLMA002 Datasheet HTML 4Page - Texas Instruments SLMA002 Datasheet HTML 5Page - Texas Instruments SLMA002 Datasheet HTML 6Page - Texas Instruments SLMA002 Datasheet HTML 7Page - Texas Instruments SLMA002 Datasheet HTML 8Page - Texas Instruments SLMA002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
www.ti.com
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
ELECTRICAL CHARACTERISTICS (continued)
–40
°C ≤ T
J ≤ +125°C, VPVDD1 = VPVDD2 = 12 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BOOTSTRAP
RBOOT1
From BP to BOOT1 or BP to BOOT2,
Bootstrap switch resistance
18
Ω
IEXT = 50 mA
RBOOT2
OUTPUT STAGE (Channel 1 and Channel 2)
TJ = +25°C, VPVDD2 = 8 V
100
RDS(on)
(3)
MOSFET on resistance plus bond wire resistance
m
Ω
–40
°C < T
J < +125°C, VPVDD2 = 8 V
100
180
tON(min)
(3)
Minimum controllable pulse width
ISWx peak current > 1 A
(4)
100
200
ns
DMIN
Minimum Duty Cycle
VFB = 0.9 V
0
%
TPS54283 fSW = 300 kHz
90
95
%
DMAX
Maximum Duty Cycle
TPS54286 fSW = 600 kHz
85
90
%
ISW
Switching node leakage current (sourcing)
Outputs OFF
2
12
µA
THERMAL SHUTDOWN
TSD
(3)
Shutdown temperature
148
TSD(hys)
(3)
Hysteresis
20
°C
(3)
Ensured by design. Not production tested.
(4)
See Figure 14 for characteristics for ISWx peak current < 1 A.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com