Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 40 Page - Texas Instruments

Part # SLMA002
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 40 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 36Page - Texas Instruments SLMA002 Datasheet HTML 37Page - Texas Instruments SLMA002 Datasheet HTML 38Page - Texas Instruments SLMA002 Datasheet HTML 39Page - Texas Instruments SLMA002 Datasheet HTML 40Page - Texas Instruments SLMA002 Datasheet HTML 41Page - Texas Instruments SLMA002 Datasheet HTML 42Page - Texas Instruments SLMA002 Datasheet HTML 43Page - Texas Instruments SLMA002 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
www.ti.com
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
Table 3. Design Example List of Materials
REFERENCE
QTY
VALUE
DESCRIPTION
SIZE
PART NUMBER
MANUFACTURER
DESIGNATOR
1
C1
100
µF
Capacitor, Aluminum, 25V,
20%
E-can
EEEFC1E101P
Panasonic
2
C10, C11
10
µF
Capacitor, Ceramic, 25V, X5R 20%
1210
C3216X5R1E106M
TDK
1
C12
4.7
µF
Capacitor, Ceramic, 10V, X5R 20%
0805
Std
Std
2
C14, C16
470 pF
Capacitor, Ceramic, 25V, X7R, 20%
0603
Std
Std
1
C15
6.8 nF
Capacitor, Ceramic, 25V, X7R, 20%
0603
Std
Std
1
C17, C5
100
µF
Capacitor, Aluminum, 10V, 20%, FC
F-can
EEEFC1A101P
Panasonic
Series
4
C3, C4, C18, C19 10
µF
Capacitor, Ceramic, 6.3V, X5R 20%
0805
C2012X5R0J106M
TDK
1
C8
10 nF
Capacitor, Ceramic, 25V, X7R, 20%
0603
Std
Std
2
C9, C13
0.033
µF
Capacitor, Ceramic, 25V, X7R, 20%
0603
Std
Std
2
D1, D2
MBRS320
Diode, Schottky, 3-A, 30-V
SMC
MBRS330T3
On Semi
2
L1, L2
22
µH
Inductor, Power, 6.8A, 0.038
Ω
0.484 x
MSS1278-153ML
Coilcraft
0.484
2
R2, R9
20 k
Ω
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R5
422
Ω
Resistor, Chip, 1/16W, 1%
0603
Std
Std
2
R6, R10
10
Ω
Resistor, Chip, 1/16W, 5%
0603
Std
Std
1
R8
698
Ω
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R4
3.83 k
Ω
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R7
6.34 k
Ω
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
U1
TPS54283 DC-DC Switching Converter
HTSSOP TPS54283PWP
TI
w/ FET
-14
40
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com