Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 18 Page - Texas Instruments

Part # SLMA002
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 18 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 14Page - Texas Instruments SLMA002 Datasheet HTML 15Page - Texas Instruments SLMA002 Datasheet HTML 16Page - Texas Instruments SLMA002 Datasheet HTML 17Page - Texas Instruments SLMA002 Datasheet HTML 18Page - Texas Instruments SLMA002 Datasheet HTML 19Page - Texas Instruments SLMA002 Datasheet HTML 20Page - Texas Instruments SLMA002 Datasheet HTML 21Page - Texas Instruments SLMA002 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
www.ti.com
VREF
VIN
VOUT
Compensation
Network
+
_
Modulator
Filter
Current
Feedback
Network
+
_
V
C
Inductor-Capacitor (L-C) Selection
100
1 M
1 k
100 k
10 k
-90
0
45
135
180
-45
90
270
225
Duty Cycle %
Gain
Phase
10
30
50
70
90
-20
20
40
80
100
0
60
1 M
1 k
100 k
10 k
-90
0
45
135
180
-45
90
270
225
f - Frequency -Hz
100
-20
20
40
80
100
0
60
Duty Cycle %
Gain
Phase
10
30
50
70
90
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
Figure 22. Small Signal Equivalent Block Diagram
The following figures plot the TPS5428x Output-to-Vc gain and phase versus frequency for various duty cycles
(10%, 30%, 50%, 70%, 90%) at three (200 mA, 400 mA, 600 mA) peak-to-peak ripple current levels. The loop
response curve selected to compensate the loop is based on the duty cycle of the application and the ripple
current in the inductor. Once the curve has been selected and the inductor value has been calculated, the output
capacitor is found by calculating the L-C resonant frequency required to compensate the feedback loop. A brief
example follows the curves.
Note that the internal error amplifier compensation is optimized for output capacitors with an ESR zero frequency
between 20kHz and 60kHz. See the following sections for further details.
GAIN AND PHASE
GAIN AND PHASE
vs
vs
FREQUENCY
FREQUENCY
Figure 23. TPS54283 at 200-mAp-p Ripple Current
Figure 24. TPS54283 at 400-mAp-p Ripple Current
18
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com