Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 20 Page - Texas Instruments

Part # SLMA002
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 20 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 16Page - Texas Instruments SLMA002 Datasheet HTML 17Page - Texas Instruments SLMA002 Datasheet HTML 18Page - Texas Instruments SLMA002 Datasheet HTML 19Page - Texas Instruments SLMA002 Datasheet HTML 20Page - Texas Instruments SLMA002 Datasheet HTML 21Page - Texas Instruments SLMA002 Datasheet HTML 22Page - Texas Instruments SLMA002 Datasheet HTML 23Page - Texas Instruments SLMA002 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
www.ti.com
C
=
OUTmax
t
SS
V
REF
I
CLx
V
- REF(1 +
)
R1
R2
V
REF
(1 +
) ´ TS
R1
R2
2
V
IN
´
´ L
R
LOAD
1
+
(1 -
)
(3)
Minimum Output Capacitance
Modifying The Feedback Loop
1
2
3
4
14
13
12
11
PVDD2
BOOT2
SW2
BP
PVDD1
BOOT1
SW1
GND
TPS5428x
5
6
7
10
9
8
SEQ
ILIM2
FB2
EN1
EN2
FB1
R1
OUTPUT1
R2
C1
R3
UDG-07013
C2
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
Ensure the value of capacitance selected for closed loop stability is compatible with the requirements of Soft
Start.
Within the limits of the internal compensation, there is flexibility in the selection of the inductor and output
capacitor values. A smaller inductor increases ripple current, and raises the resonant frequency, thereby
increasing the required value of output capacitance. A smaller capacitor could also be used, increasing the
resonant frequency, and increasing the overall loop bandwidth—perhaps at the expense of adequate phase
margin.
The internal compensation of the TPS54x8x is designed for capacitors with an ESR zero frequency between
20kHz and 60kHz. It is possible, with additional feedback compensation components, to use capacitors with
higher or lower ESR zero frequencies. For either case, the components C1 and R3 (ref. Figure 29 ) are added to
re-compensate the feedback loop for stability. In this configuration a low frequency pole is followed by a higher
frequency zero. The placement of this pole-zero pair is dependent on the type of output capacitor used, and the
desired closed loop frequency response.
Figure 29. Optional Loop Compensation Components
NOTE:
Once the filter and compensation components have been established, laboratory
measurements of the physical design should be performed to confirm converter
stability.
Using High-ESR Output Capacitors
If a high ESR capacitor is used in the output filter, a zero appears in the loop response that could lead to
instability. To compensate, a small R-C series connected network is placed in parallel with the lower voltage
setting divider resistor (Ref Figure 29). The values of the components are determined such that a pole is placed
at the same frequency as the ESR zero and a new zero is placed at a frequency location conducive to good loop
stability.
20
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com