Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 28 Page - Texas Instruments

Part # SLMA002
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 28 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 24Page - Texas Instruments SLMA002 Datasheet HTML 25Page - Texas Instruments SLMA002 Datasheet HTML 26Page - Texas Instruments SLMA002 Datasheet HTML 27Page - Texas Instruments SLMA002 Datasheet HTML 28Page - Texas Instruments SLMA002 Datasheet HTML 29Page - Texas Instruments SLMA002 Datasheet HTML 30Page - Texas Instruments SLMA002 Datasheet HTML 31Page - Texas Instruments SLMA002 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
www.ti.com
T
Time
-
Output1
Output2
PVDD1
PVDD2
Multiphase Operation
Bypass and FIltering
Over-Temperature Protection and Junction Temperature Rise
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
Figure 34. Waveforms Resulting from Cascading PVDD1 from Output 2
In this configuration, the following conditions must be maintained:
1. Output 2 must be of a voltage high enough to maintain regulation of Output 1 under all load conditions.
2. The sum of the current drawn by Output 2 load plus the current into PVDD1 must be less than the overload
protection current level of Output 2.
3. The method of output sequencing must be such that the voltage on Output 2 is sufficient to support Output 1
before Output 1 is enabled. This requrement may be accomplished by:
a.
a delay of the enable function
b.
selecting sequential sequencing of Output 1 starting after Output 2 is in regulation
The
TPS5428x
is
not
designed
to
operate
as
a
two-phase
single-output
voltage
converter.
See
http://www.power.ti.com for appropriate device selection.
As with any integrated circuit, supply bypassing is important for jitter-free operation. To improve the noise
immunity of the converter, ceramic bypass capacitors must be placed as close to the package as possible.
1. PVDD1 to GND: Use a 10-
µF ceramic capacitor
2. PVDD2 to GND: Use a 10-
µF ceramic capacitor
3. BP to GND: Use a 4.7-
µF to 10-µF ceramic capacitor
The over-temperature thermal protection limits the maximum power to be dissipated at a given operating ambient
temperature. In other words, at a given device power dissipation, the maximum ambient operating temperature is
limited by the maximum allowable junction operating temperature. The device junction temperature is a function
of power dissipation, and the thermal impedance from the junction to the ambient. If the internal die temperature
should reach the thermal shutdown level, the TPS5428x shuts off both PWMs and remains in this state until the
die temperature drops below the hysteresis value, at which time the device restarts.
The first step to determine the device junction temperature is to calculate the power dissipation. The power
dissipation is dominated by the two switching MOSFETs and the BP internal regulator. The power dissipated by
each MOSFET is composed of conduction losses and output (switching) losses incurred while driving the
external rectifier diode. To find the conduction loss, first find the RMS current through the upper switch MOSFET.
28
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com