Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 11 Page - Texas Instruments

Part # SLMA002
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 7Page - Texas Instruments SLMA002 Datasheet HTML 8Page - Texas Instruments SLMA002 Datasheet HTML 9Page - Texas Instruments SLMA002 Datasheet HTML 10Page - Texas Instruments SLMA002 Datasheet HTML 11Page - Texas Instruments SLMA002 Datasheet HTML 12Page - Texas Instruments SLMA002 Datasheet HTML 13Page - Texas Instruments SLMA002 Datasheet HTML 14Page - Texas Instruments SLMA002 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
www.ti.com
BLOCK DIAGRAM
7
FB1
+
Soft Start
1
C
COMP
+
S
Q
Q
R
R
+
Current
Comparator
BP
f(I
DRAIN1
) + DC(ofst)
2
1
3
Anti-Cross
Conduction
1.2 MHz
Oscilator
Divide
by 2/4
Ramp
Gen 1
Ramp
Gen 2
CLK1
CLK2
BP
CLK1
Weak
Pull-Down
MOSFET
5
EN1
6
EN2
6 mA
6 mA
VDD2
Internal
Control
10
SEQ
150 kW
150 kW
Output
Undervoltage
Detect
BP
FB1
FB2
CLK1
4
GND
8
FB2
+
Soft Start
2
C
COMP
+
S
Q
Q
R
R
+
Current
Comparator
BP
13
14
12
Anti-Cross
Conduction
BP
CLK2
Weak
Pull-Down
MOSFET
11
BP
9
ILIM2
150 kW
150 kW
BP
CLK2
4
GND
Level
Select
5.25-V
Regulator
References
BOOT1
PVDD1
SW1
BOOT2
PVDD2
SW2
f(I
DRAIN2
) + DC(ofst)
0.8 V
REF
I
MAX2
(Set to one of two limits)
f(I
DRAIN1
)
f(I
MAX1
)
Overcurrent Comp
f(I
SLOPE1
)
Level
Shift
Level
Shift
f(I
DRAIN2
)
f(I
MAX2
)
f(I
SLOPE2
)
FET
Switch
TSD
PVDD2
f(I
SLOPE1
)
f(I
SLOPE2
)
SD1
SD2
UVLO
0.8 V
REF
SD2
0.8 V
REF
SD1
UDG-07007
Overcurrent Comp
R
COMP
R
COMP
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com