Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 45 Page - Texas Instruments

Part # SLMA002
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 45 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 41Page - Texas Instruments SLMA002 Datasheet HTML 42Page - Texas Instruments SLMA002 Datasheet HTML 43Page - Texas Instruments SLMA002 Datasheet HTML 44Page - Texas Instruments SLMA002 Datasheet HTML 45Page - Texas Instruments SLMA002 Datasheet HTML 46Page - Texas Instruments SLMA002 Datasheet HTML 47Page - Texas Instruments SLMA002 Datasheet HTML 48Page - Texas Instruments SLMA002 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
www.ti.com
ADDITIONAL REFERENCES
Related Devices
References
Package Outline and Recommended PCB Footprint
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
The following parts have characteristics similar to the TPS54283/6 and may be of interest.
Table 5. Devices Related to the TPS54283 and TPS54286
TI LITERATURE
DEVICE
DESCRIPTION
NUMBER
SLUS642
TPS40222
5-V Input, 1.6-A Non-Synchronous Buck Converter
TPS54383 /
SLUS774
3-A Dual Non-Synchronous Converter with Integrated High-Side MOSFET
TPS54386
These references, design tools and links to additional references, including design software, may be found at
http:www.power.ti.com
Table 6. References
TI LITERATURE
DESCRIPTION
NUMBER
SLMA002
PowerPAD Thermally Enhanced Package Application Report
SLMA004
PowerPAD™ Made Easy
SLUP206
Under The Hood Of Low Voltage DC/DC Converters. SEM1500 Topic 5, 2002 Seminar Series
SLVA057
Understanding Buck Power Stages in Switchmode Power Supplies
SLUP173
Designing Stable Control Loops. SEM 1400, 2001 Seminar Series
The following pages outline the mechanical dimensions of the 14-Pin PWP package and provide
recommendations for PCB layout.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com