Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 15 Page - Texas Instruments

Part # SLMA002
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 11Page - Texas Instruments SLMA002 Datasheet HTML 12Page - Texas Instruments SLMA002 Datasheet HTML 13Page - Texas Instruments SLMA002 Datasheet HTML 14Page - Texas Instruments SLMA002 Datasheet HTML 15Page - Texas Instruments SLMA002 Datasheet HTML 16Page - Texas Instruments SLMA002 Datasheet HTML 17Page - Texas Instruments SLMA002 Datasheet HTML 18Page - Texas Instruments SLMA002 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
www.ti.com
5-V VOUT1
(2 V/div)
3.3-V VOUT2
(2 V/div)
T - Time - 1 ms/div
Soft Start
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
DESIGN HINT
An R-C network connected to the ENx pin may be used in addition to the SEQ pin in
sequential mode to delay the startup of the first output voltage. This approach may be
necessary in systems with a large number of output voltages and elaborate voltage
sequencing requirements. See Enable and Timed Turn On of the Outputs.
If the SEQ pin is left floating, Output 1 and Output 2 each start ratiometrically when both outputs are enabled at
the same time. Output 1 and Output 2 soft start at a rate that is determined by the respective final output
voltages and enter regulation at the same time. If the EN1 and EN2 pins are allowed to operate independently,
then the two outputs also operate independently.
Figure 19. SEQ Pin Floating
Each output has a dedicated soft start circuit. The soft start voltage is an internal digital reference ramp to one of
two noninverting inputs of the error amplifier. The other input is the (internal) precision 0.8-V reference. The total
ramp time for the FB voltage to charge from 0 V to 0.8 V is about 2.1 ms. During a soft start interval, the
TPS5428x output slowly increases the voltage to the noninverting input of the error amplifier. In this way, the
output voltage ramps up slowly until the voltage on the noninverting input to the error amplifier reaches the
internal 0.8 V reference voltage. At that time, the voltage at the noninverting input to the error amplifier remains
at the reference voltage.
NOTE:
To avoid a disturbance in the output voltage during the stepping of the digital soft
start, a minimum output capacitance of 50
µF is recommended. Also see Feedback
Loop and Inductor-Capacitor (L-C) Filter Selection Once the filter and compensation
components have been established, laboratory measurements of the physical design
should be performed to confirm converter stability.
During the soft start interval, pulse-by-pulse current limiting is in effect. If an overcurrent pulse is detected, six
PWM pulses are skipped to allow the inductor current to decay before another PWM pulse is applied. (See the
Output Overload Protection section.) There is no pulse skipping if a current limit pulse is not detected.
DESIGN HINT
If the rate of rise of the input voltage (PVDDx) is such that the input voltage is too low
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com