Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 44 Page - Texas Instruments

Part # SLMA002
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 44 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 40Page - Texas Instruments SLMA002 Datasheet HTML 41Page - Texas Instruments SLMA002 Datasheet HTML 42Page - Texas Instruments SLMA002 Datasheet HTML 43Page - Texas Instruments SLMA002 Datasheet HTML 44Page - Texas Instruments SLMA002 Datasheet HTML 45Page - Texas Instruments SLMA002 Datasheet HTML 46Page - Texas Instruments SLMA002 Datasheet HTML 47Page - Texas Instruments SLMA002 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
www.ti.com
Example 3: 5-V to 3.3V and 5-V to 1.2 V
1 k
10 k
100 k
300 k
-180
-90
-45
45
90
-135
0
180
135
f - Frequency -Hz
-80
-20
0
60
80
-60
20
-40
40
V
OUT
= 1.2 V
Gain
Phase
WIth Lead
Without Lead
1.0
1.5
2.0
2.5
0
0.5
I
OUT
- Load Current - A
10
40
70
0
90
100
50
30
20
60
80
V
IN
= 5.0 V
V
OUT
(V)
1.2
3.3
V
OUT
= 1.2 V
V
OUT
= 3.3 V
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
For a low input voltage application, the TPS54286 is selected for reduced size and all ceramic output capacitors
are used. 22-
µF input capacitors are selected to reduce input ripple and lead capacitors are placed in the
feedback to boost phase margin.
Figure 49. 5-V to 3.3V and 5-V to 1.2 V
Figure 50. Efficiency vs. Load Current
Figure 51. Example 3 Loop Response
44
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com