Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9640
Description  1.8V Dual Analog-to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9640 Datasheet HTML 39Page - Analog Devices AD9640 Datasheet HTML 40Page - Analog Devices AD9640 Datasheet HTML 41Page - Analog Devices AD9640 Datasheet HTML 42Page - Analog Devices AD9640 Datasheet HTML 43Page - Analog Devices AD9640 Datasheet HTML 44Page - Analog Devices AD9640 Datasheet HTML 45Page - Analog Devices AD9640 Datasheet HTML 46Page - Analog Devices AD9640 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
AD9640
Rev. B | Page 41 of 52
CONFIGURATION WITHOUT THE SPI
In applications that do not interface to the SPI control registers,
the SDIO/DCS pin, the SCLK/DFS pin, the SMI SDO/OEB pin,
and the SMI SCLK/PDWN pin serve as standalone, CMOS-
compatible control pins. When the device is powered up, it is
assumed that the user intends to use the pins as static control
lines for the duty cycle stabilizer, output data format, output
enable, and power-down feature control. In this mode, the CSB
chip select should be connected to AVDD, which disables the
serial port interface.
Table 23. Mode Selection
Pin
External
Voltage
Configuration
SDIO/DCS
AVDD (default)
Duty cycle stabilizer enabled.
AGND
Duty cycle stabilizer disabled.
SCLK/DFS
AVDD
Twos complement enabled.
AGND (default)
Offset binary enabled.
SMI SDO/OEB
AVDD
Outputs in high impedance.
AGND (default)
Outputs enabled.
SMI SCLK/PDWN
AVDD
Chip in power-down or
standby.
AGND (default)
Normal operation.
SPI ACCESSIBLE FEATURES
A brief description of general features accessible via the SPI
follows. These features are described in detail in the AN-877
Application Note, Interfacing to High Speed ADCs via SPI. The
AD9640 part-specific features are described in detail following
Table 25, the external memory map register table.
Table 24. Features Accessible Using the SPI
Feature Name
Description
Modes
Allows user to set either power-down mode or
standby mode.
Clock
Allows user to access the DCS via the SPI.
Offset
Allows user to digitally adjust the converter
offset.
Test I/O
Allows user to set test modes to have known
data on output bits.
Output Mode
Allows user to set up outputs.
Output Phase
Allows user to set the output clock polarity.
Output Delay
Allows user to vary the DCO delay.
VREF
Allows user to set the reference voltage.
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
CSB
tS
tDH
tCLK
tDS
tH
R/W
W1
W0
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
tLOW
tHIGH
Figure 73. Serial Port Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com