Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9640
Description  1.8V Dual Analog-to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 1 Page - Analog Devices

  AD9640 Datasheet HTML 1Page - Analog Devices AD9640 Datasheet HTML 2Page - Analog Devices AD9640 Datasheet HTML 3Page - Analog Devices AD9640 Datasheet HTML 4Page - Analog Devices AD9640 Datasheet HTML 5Page - Analog Devices AD9640 Datasheet HTML 6Page - Analog Devices AD9640 Datasheet HTML 7Page - Analog Devices AD9640 Datasheet HTML 8Page - Analog Devices AD9640 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
14-Bit, 80/105/125/150 MSPS, 1.8 V
Dual Analog-to-Digital Converter
AD9640
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2009 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 71.8 dBc (72.8 dBFS) to 70 MHz @ 125 MSPS
SFDR = 85 dBc to 70 MHz @ 125 MSPS
Low power: 750 mW @ 125 MSPS
SNR = 71.6 dBc (72.6 dBFS) to 70 MHz @ 150 MSPS
SFDR = 84 dBc to 70 MHz @ 150 MSPS
Low power: 820 mW @ 150 MSPS
1.8 V analog supply operation
1.8 V to 3.3V CMOS output supply or 1.8 V LVDS
output supply
Integer 1 to 8 input clock divider
IF sampling frequencies to 450 MHz
Internal ADC voltage reference
Integrated ADC sample-and-hold inputs
Flexible analog input range: 1 V p-p to 2 V p-p
Differential analog inputs with 650 MHz bandwidth
ADC clock duty cycle stabilizer
95 dB channel isolation/crosstalk
Serial port control
User-configurable, built-in self-test (BIST) capability
Energy-saving power-down modes
Integrated receive features
Fast detect/threshold bits
Composite signal monitor
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers
GSM, EDGE, WCDMA, LTE,
CDMA2000, WiMAX, TD-SCDMA
I/Q demodulation systems
Smart antenna systems
General-purpose software radios
Broadband data applications
FUNCTIONAL BLOCK DIAGRAM
VIN+A
VIN–A
VREF
SENSE
VIN–B
VIN+B
D13A
D0A
CLK+
CLK–
DCOA
DCOB
D13B
D0B
AGND
SYNC
FD(0:3)B
ADC
ADC
SIGNAL MONITOR
DATA
AVDD DVDD
FD(0:3)A
DRGND
PROGRAMMING DATA
DRVDD
FD BITS/THRESHOLD
DETECT
REF
SELECT
DUTY CYCLE
STABILIZER
MULTICHIP
SYNC
FD BITS/THRESHOLD
DETECT
SIGNAL MONITOR
INTERFACE
DCO
GENERATION
DIVIDE
1TO 8
SIGNAL
MONITOR
SPI
SHA
SHA
CSB
SCLK/
DFS
SDIO/
DCS
CML
RBIAS
SMI
SDO/
OEB
SMI
SCLK/
PDWN
SMI
SDFS
Figure 1.
PRODUCT HIGHLIGHTS
1.
Integrated dual 14-bit, 80/105/125/150 MSPS ADC.
2.
Fast overrange detect and signal monitor with serial output.
3.
Signal monitor block with dedicated serial output mode.
4.
Proprietary differential input that maintains excellent SNR
performance for input frequencies up to 450 MHz.
5.
Operation from a single 1.8 V supply and a separate digital
output driver supply to accommodate 1.8 V to 3.3 V logic
families.
6.
A standard serial port interface that supports various
product features and functions, such as data formatting
(offset binary, twos complement, or gray coding), enabling
the clock DCS, power-down, and voltage reference mode.
7.
Pin compatibility with the AD9627, AD9627-11, and the
AD9600 for a simple migration from 14 bits to 12 bits, 11
bits, or 10 bits.


Similar Part No. - AD9640

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9640 AD-AD9640 Datasheet
931Kb / 41P
14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Dec-2006
AD9640-105EBZ AD-AD9640-105EBZ Datasheet
1Mb / 52P
14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640-125EBZ AD-AD9640-125EBZ Datasheet
1Mb / 52P
14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640-150EBZ AD-AD9640-150EBZ Datasheet
1Mb / 52P
14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640-80EBZ AD-AD9640-80EBZ Datasheet
1Mb / 52P
14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
More results

Similar Description - AD9640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS57014A TI-TMS57014A Datasheet
227Kb / 16P
DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9254S AD-AD9254S Datasheet
2Mb / 26P
14-BIT, 150 MSPS, 1.8V ANALOG-TO-DIGITAL CONVERTER
REV. B
AD9691 AD-AD9691_17 Datasheet
1Mb / 73P
Dual Analog-to-Digital Converter
Rev. 0
AD9695 AD-AD9695 Datasheet
5Mb / 136P
Dual Analog-to-Digital Converter
Rev. 0
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
Dual Analog-to-Digital Converter
Rev. A
AD9680 AD-AD9680_17 Datasheet
3Mb / 99P
Dual Analog-to-Digital Converter
Rev. C
AD9250 AD-AD9250_17 Datasheet
1Mb / 45P
Dual Analog-to-Digital Converter
Rev. E
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
Dual Analog-to-Digital Converter
Rev. 0
AD9689 AD-AD9689 Datasheet
2Mb / 134P
Dual Analog-to-Digital Converter
Rev. A
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
3V Dual Analog-to-Digital Converter
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com