Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9640
Description  1.8V Dual Analog-to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9640 Datasheet HTML 6Page - Analog Devices AD9640 Datasheet HTML 7Page - Analog Devices AD9640 Datasheet HTML 8Page - Analog Devices AD9640 Datasheet HTML 9Page - Analog Devices AD9640 Datasheet HTML 10Page - Analog Devices AD9640 Datasheet HTML 11Page - Analog Devices AD9640 Datasheet HTML 12Page - Analog Devices AD9640 Datasheet HTML 13Page - Analog Devices AD9640 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
AD9640
Rev. B | Page 8 of 52
ADC AC SPECIFICATIONS—AD9640ABCPZ-125, AD9640BCPZ-125, AD9640ABCPZ-150, AND AD9640BCPZ 150
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 3.3 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference,
DCS enabled, fast detect outputs disabled, and signal monitor disabled, unless otherwise noted.
Table 4.
Parameter1
Temperature
AD9640ABCPZ-125
AD9640BCPZ-125
AD9640ABCPZ-150/
AD9640BCPZ-150
Unit
Min
Typ
Max
Min
Typ
Max
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 2.3 MHz
25°C
72.1
71.9
dB
fIN = 70 MHz
25°C
71.8
71.6
dB
Full
70.2
69.5
dB
fIN = 140 MHz
25°C
71.4
70.9
dB
fIN = 200 MHz
25°C
70.8
70.0
dB
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 2.3 MHz
25°C
71.8
71.6
dB
fIN = 70 MHz
25°C
71.4
71.0
dB
Full
69.5
67.5
dB
fIN = 140 MHz
25°C
71.0
70.5
dB
fIN = 200 MHz
25°C
70.3
69.9
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.3 MHz
25°C
11.8
11.8
Bits
fIN = 70 MHz
25°C
11.7
11.8
Bits
fIN = 140 MHz
25°C
11.7
11.6
Bits
fIN = 200 MHz
25°C
11.6
11.5
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 2.3 MHz
25°C
−86.5
−86.5
dBc
fIN = 70 MHz
25°C
−85
−84
dBc
Full
−74
−73
dBc
fIN = 140 MHz
25°C
−84
−83.5
dBc
fIN = 200 MHz
25°C
−83
−77
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 2.3 MHz
25°C
86.5
86.5
dBc
fIN = 70 MHz
25°C
85
84
dBc
Full
74
73
dBc
fIN = 140 MHz
25°C
84
83.5
dBc
fIN = 200 MHz
25°C
83
77
dBc
WORST OTHER HARMONIC OR SPUR
fIN = 2.3 MHz
25°C
−92
−92
dBc
fIN = 70 MHz
25°C
−89
−90
dBc
Full
−80
−80
dBc
fIN = 140 MHz
25°C
−89
−90
dBc
fIN = 200 MHz
25°C
−89
−90
dBc
TWO TONE SFDR
fIN = 29.1 MHz, 32.1 MHz (−7 dBFS)
25°C
85
85
dBc
fIN = 169.1 MHz, 172.1 MHz (−7 dBFS)
25°C
82
82
dBc
CROSSTALK2
Full
−95
−95
dB
ANALOG INPUT BANDWIDTH
25°C
650
650
MHz
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 Crosstalk is measured at 100 MHz with −1 dBFS on one channel and no input on the alternate channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com