Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9640
Description  1.8V Dual Analog-to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9640 Datasheet HTML 8Page - Analog Devices AD9640 Datasheet HTML 9Page - Analog Devices AD9640 Datasheet HTML 10Page - Analog Devices AD9640 Datasheet HTML 11Page - Analog Devices AD9640 Datasheet HTML 12Page - Analog Devices AD9640 Datasheet HTML 13Page - Analog Devices AD9640 Datasheet HTML 14Page - Analog Devices AD9640 Datasheet HTML 15Page - Analog Devices AD9640 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
AD9640
Rev. B | Page 10 of 52
Parameter
Temperature
Min
Typ
Max
Unit
DIGITAL OUTPUTS
CMOS Mode—DRVDD = 3.3 V
High Level Output Voltage (IOH = 50 μA)
Full
3.29
V
High Level Output Voltage (IOH = 0.5 mA)
Full
3.25
V
Low Level Output Voltage (IOL = 1.6 mA)
Full
0.2
V
Low Level Output Voltage (IOL = 50 μA)
Full
0.05
V
CMOS Mode—DRVDD = 1.8 V
High Level Output Voltage (IOH = 50 μA)
Full
1.79
V
High Level Output Voltage (IOH = 0.5 mA)
Full
1.75
V
Low Level Output Voltage (IOL = 1.6 mA)
Full
0.2
V
Low Level Output Voltage (IOL = 50 μA)
Full
0.05
V
LVDS Mode—DRVDD = 1.8 V
Differential Output Voltage (VOD), ANSI Mode
Full
250
350
450
mV
Output Offset Voltage (VOS), ANSI Mode
Full
1.15
1.25
1.35
V
Differential Output Voltage (VOD), Reduced Swing Mode
Full
150
200
280
mV
Output Offset Voltage (VOS), Reduced Swing Mode
Full
1.15
1.25
1.35
V
1 Pull up.
2 Pull down.
SWITCHING SPECIFICATIONS—AD9640ABCPZ-80, AD9640BCPZ-80, AD9640ABCPZ-105, AND
AD9640BCPZ-105
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 3.3 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference,
DCS enabled, unless otherwise noted.
Table 6.
Parameter
Temp
AD9640ABCPZ-80
AD9640BCPZ-80
AD9640ABCPZ-105/
AD9640BCPZ-105
Unit
Min
Typ
Max
Min
Typ
Max
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
625
625
MHz
Conversion Rate
DCS Enabled1
Full
20
80
20
105
MSPS
DCS Disabled1
Full
10
80
10
105
MSPS
CLK Period—Divide by 1 Mode (tCLK)
Full
12.5
9.5
ns
CLK Pulse Width High
Divide by 1 Mode, DCS Enabled
Full
3.75
6.25
8.75
2.85
4.75
6.65
ns
Divide by 1 Mode, DCS Disabled
Full
5.63
6.25
6.88
4.28
4.75
5.23
ns
Divide by 2 Mode, DCS Enabled
Full
1.6
1.6
ns
Divide by 3 Through 8, DCS Enabled
Full
0.8
0.8
ns
DATA OUTPUT PARAMETERS (DATA, FD)
CMOS Mode—DRVDD = 3.3 V
Data Propagation Delay (tPD)2
Full
2.2
4.5
6.4
2.2
4.5
6.4
ns
DCO Propagation Delay (tDCO)
Full
3.8
5.0
6.8
3.8
5.0
6.8
ns
Setup Time (tS)
Full
6.25
5.25
ns
Hold Time (tH)
Full
5.75
4.25
ns
CMOS Mode—DRVDD = 1.8 V
Data Propagation Delay (tPD)2
Full
2.4
5.2
6.9
2.4
5.2
6.9
ns
DCO Propagation Delay (tDCO)
Full
4.0
5.6
7.3
4.0
5.6
7.3
ns
LVDS Mode—DRVDD = 1.8 V
Data Propagation Delay (tPD)2
Full
3.0
3.7
4.4
3.0
3.7
4.4
ns
DCO Propagation Delay (tDCO)
Full
5.4
7.0
8.4
5.2
6.4
7.6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com