Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9640
Description  1.8V Dual Analog-to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9640 Datasheet HTML 14Page - Analog Devices AD9640 Datasheet HTML 15Page - Analog Devices AD9640 Datasheet HTML 16Page - Analog Devices AD9640 Datasheet HTML 17Page - Analog Devices AD9640 Datasheet HTML 18Page - Analog Devices AD9640 Datasheet HTML 19Page - Analog Devices AD9640 Datasheet HTML 20Page - Analog Devices AD9640 Datasheet HTML 21Page - Analog Devices AD9640 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
AD9640
Rev. B | Page 16 of 52
Pin No.
Mnemonic
Type
Description
ADC Fast Detect Outputs
29
FD0A
Output
Channel A Fast Detect Indicator. See Table 18 for details.
30
FD1A
Output
Channel A Fast Detect Indicator. See Table 18 for details.
31
FD2A
Output
Channel A Fast Detect Indicator. See Table 18 for details.
32
FD3A
Output
Channel A Fast Detect Indicator. See Table 18 for details.
53
FD0B
Output
Channel B Fast Detect Indicator. See Table 18 for details.
54
FD1B
Output
Channel B Fast Detect Indicator. See Table 18 for details.
55
FD2B
Output
Channel B Fast Detect Indicator. See Table 18 for details.
56
FD3B
Output
Channel B Fast Detect Indicator. See Table 18 for details.
Digital Inputs
52
SYNC
Input
Digital Synchronization Pin. Slave mode only.
Digital Outputs
12
D0A (LSB)
Output
Channel A CMOS Output Data.
13
D1A
Output
Channel A CMOS Output Data.
14
D2A
Output
Channel A CMOS Output Data.
15
D3A
Output
Channel A CMOS Output Data.
16
D4A
Output
Channel A CMOS Output Data.
17
D5A
Output
Channel A CMOS Output Data.
18
D6A
Output
Channel A CMOS Output Data.
19
D7A
Output
Channel A CMOS Output Data.
22
D8A
Output
Channel A CMOS Output Data.
23
D9A
Output
Channel A CMOS Output Data.
25
D10A
Output
Channel A CMOS Output Data.
26
D11A
Output
Channel A CMOS Output Data.
27
D12A
Output
Channel A CMOS Output Data.
28
D13A (MSB)
Output
Channel A CMOS Output Data.
58
D0B (LSB)
Output
Channel B CMOS Output Data.
59
D1B
Output
Channel B CMOS Output Data.
60
D2B
Output
Channel B CMOS Output Data.
61
D3B
Output
Channel B CMOS Output Data.
62
D4B
Output
Channel B CMOS Output Data.
63
D5B
Output
Channel B CMOS Output Data.
2
D6B
Output
Channel B CMOS Output Data.
3
D7B
Output
Channel B CMOS Output Data.
4
D8B
Output
Channel B CMOS Output Data.
5
D9B
Output
Channel B CMOS Output Data.
6
D10B
Output
Channel B CMOS Output Data.
7
D11B
Output
Channel B CMOS Output Data.
8
D12B
Output
Channel B CMOS Output Data.
9
D13B (MSB)
Output
Channel B CMOS Output Data.
11
DCOA
Output
Channel A Data Clock Output.
10
DCOB
Output
Channel B Data Clock Output.
SPI Control
48
SCLK/DFS
Input
SPI Serial Clock/Data Format Select Pin in External Pin Mode.
47
SDIO/DCS
Input/Output
SPI Serial Data I/O/Duty Cycle Stabilizer in External Pin Mode.
51
CSB
Input
SPI Chip Select (Active Low).
Serial Port
33
SMI SDO/OEB
Input/Output
Signal Monitor Serial Data Output/Output Enable Input (Active Low) in External Pin Mode.
35
SMI SDFS
Output
Signal Monitor Serial Data Frame Sync.
34
SMI SCLK/PDWN
Input/Output
Signal Monitor Serial Clock Output/Power-Down Input in External Pin Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com