Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9640
Description  1.8V Dual Analog-to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9640 Datasheet HTML 45Page - Analog Devices AD9640 Datasheet HTML 46Page - Analog Devices AD9640 Datasheet HTML 47Page - Analog Devices AD9640 Datasheet HTML 48Page - Analog Devices AD9640 Datasheet HTML 49Page - Analog Devices AD9640 Datasheet HTML 50Page - Analog Devices AD9640 Datasheet HTML 51Page - Analog Devices AD9640 Datasheet HTML 52Page - Analog Devices AD9640 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
AD9640
Rev. B | Page 47 of 52
Table 26. DC Correction Bandwidth
DC Correction Control Register 0x10C[5:2]
Bandwidth (Hz)
0000
1218.56
0001
609.28
0010
304.64
0011
152.32
0100
76.16
0101
38.08
0110
19.04
0111
9.52
1000
4.76
1001
2.38
1010
1.19
1011
0.60
1100
0.30
1101
0.15
1110
0.15
1111
0.15
Bit 1—DC Correction for Signal Path Enable
Setting Bit 1 high causes the output of the dc measurement
block to be summed with the data in the signal path to remove
the dc offset from the signal path.
Bit 0—DC Correction for SM Enable
Bit 0 enables the dc correction function in the signal monitoring
block. The dc correction is an averaging function that can be
used by the signal monitor to remove dc offset in the signal.
Removing this dc from the measurement allows a more accurate
reading.
Signal Monitor DC Value Channel A (Register 0x10D and
Register 0x10E)
Register 0x10D, Bits[7:0]—Channel A DC Value[7:0]
Register 0x10E, Bits[7:0]—Channel A DC Value[13:8]
These read-only registers hold the latest dc offset value computed
by the signal monitor for Channel A.
Signal Monitor DC Value Channel B (Register 0x10F and
Register 0x110)
Register 0x10F Bits[7:0]—Channel B DC Value[7:0]
Register 0x110 Bits[7:0]—Channel B DC Value[13:8]
These read-only registers hold the latest dc offset value computed
by the signal monitor for Channel B.
Signal Monitor SPORT Control (Register 0x111)
Bit 7—Reserved
Bit 6—RMS/MS Magnitude Output Enable
These bits enable the 20-bit rms or ms magnitude measurement
as output on the SPORT.
Bit 5—Peak Power Output Enable
Bit 5 enables the 13-bit peak measurement as output on
the SPORT.
Bit 4—Threshold Crossing Output Enable
Bit 4 enables the 13-bit threshold measurement as output on
the SPORT.
Bits[3:2]—SPORT SMI SCLK Divide
The values of these bits set the SPORT SMI SCLK divide ratio
from the input clock. A value of 0x01 sets divide by 2 (default),
a value of 0x10 sets divide by 4, and a value of 0x11 sets divide by 8.
Bit 1— SPORT SMI SCLK Sleep
Setting Bit 1 high causes the SMI SCLK to remain low when the
signal monitor block has no data to transfer.
Bit 0—Signal Monitor SPORT Output Enable
When set, Bit 0 enables the SPORT output of the signal monitor
to begin shifting out the result data from the signal monitor block.
Signal Monitor Control (Register 0x112)
Bit 7—Complex Power Calculation Mode Enable
This mode assumes I data is present on one channel and Q data
is present on the opposite channel. The result reported is the
complex power, measured as
2
2
Q
I +
Bits[6:4]—Reserved
Bit 3—Signal Monitor RMS/MS Select
Setting Bit 3 low selects rms power measurement mode. Setting
Bit 3 high selects ms power measurement mode.
Bits[2:1]—Signal Monitor Mode
Bit 2 and Bit 1 set the mode of the signal monitor for data output
to Register 0x116 to Register 0x11B. Setting Bit 2 and Bit 1 to
0x00 selects rms/ms power output; setting these bits to 0x01
selects peak power output; and setting 0x10 or 0x11 selects
threshold crossing output.
Bit 0—Signal Monitor Enable
Setting Bit 0 high enables the signal monitor block.
Signal Monitor Period (Register 0x113 to Register 0x115)
Register 0x113, Bits[7:0]—Signal Monitor Period[7:0]
Register 0x114, Bits[7:0]—Signal Monitor Period[15:8]
Register 0x115, Bits[7:0]—Signal Monitor Period[23:16]
This 24-bit value sets the number of clock cycles over which the
signal monitor performs its operation. Although this register
defaults to 64 (0x40), the minimum value for this register is 128
(0x80) cycles – writing values less than 128 can cause inaccurate
results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com