Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9640
Description  1.8V Dual Analog-to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9640 Datasheet HTML 15Page - Analog Devices AD9640 Datasheet HTML 16Page - Analog Devices AD9640 Datasheet HTML 17Page - Analog Devices AD9640 Datasheet HTML 18Page - Analog Devices AD9640 Datasheet HTML 19Page - Analog Devices AD9640 Datasheet HTML 20Page - Analog Devices AD9640 Datasheet HTML 21Page - Analog Devices AD9640 Datasheet HTML 22Page - Analog Devices AD9640 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
AD9640
Rev. B | Page 17 of 52
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DRVDD
D1–
D1+
D2–
D2+
D3–
D3+
D4–
D4+
DCO–
DCO+
D5–
D5+
D6–
D6+
D7–
SCLK/DFS
SDIO/DCS
AVDD
AVDD
VIN+B
VIN–B
RBIAS
CML
SENSE
VREF
VIN–A
VIN+A
AVDD
SMI SDFS
SMI SCLK/PDWN
SMI SDO/OEB
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9640
PARALLEL LVDS
TOP VIEW
(Not to Scale)
EXPOSED PADDLE, PIN 0
(BOTTOM OF PACKAGE)
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED THERMAL PAD ON THE BOTTOM OF THE PACKAGE PROVIDES
THE ANALOG GROUND FOR THE PART. THIS EXPOSED PAD MUST BE
CONNECTED TO GROUND FOR PROPER OPERATION.
Figure 7. Pin Configuration, LFCSP LVDS (Top View)
Table 12. Pin Function Descriptions (Interleaved Parallel LVDS Mode)
Pin No.
Mnemonic
Type
Function
ADC Power Supplies
20, 64
DRGND
Ground
Digital Output Ground.
1, 21
DRVDD
Supply
Digital Output Driver Supply (1.8 V to 3.3 V).
24, 57
DVDD
Supply
Digital Power Supply (1.8 V Nominal).
36, 45, 46
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
0
AGND,
Exposed Pad
Ground
The exposed thermal pad on the bottom of the package provides the analog ground for the
part. This exposed pad must be connected to ground for proper operation.
ADC Analog
37
VIN+A
Input
Differential Analog Input Pin (+) for Channel A.
38
VIN−A
Input
Differential Analog Input Pin (−) for Channel A.
44
VIN+B
Input
Differential Analog Input Pin (+) for Channel B.
43
VIN−B
Input
Differential Analog Input Pin (−) for Channel B.
39
VREF
Input/Output
Voltage Reference Input/Output.
40
SENSE
Input
Voltage Reference Mode Select. See Table 14 for details.
42
RBIAS
Input/Output
External Reference Bias Resistor.
41
CML
Output
Common-Mode Level Bias Output for Analog Inputs.
49
CLK+
Input
ADC Clock Input—True.
50
CLK−
Input
ADC Clock Input—Complement.
ADC Fast Detect Outputs
54
FD0+
Output
Channel A/Channel B LVDS Fast Detect Indicator 0—True. See Table 18 for details.
53
FD0−
Output
Channel A/Channel B LVDS Fast Detect Indicator 0—Complement. See Table 18 for details.
56
FD1+
Output
Channel A/Channel B LVDS Fast Detect Indicator 1—True. See Table 18 for details.
55
FD1−
Output
Channel A/Channel B LVDS Fast Detect Indicator 1—Complement. See Table 18 for details.
59
FD2+
Output
Channel A/Channel B LVDS Fast Detect Indicator 2—True. See Table 18 for details.
58
FD2−
Output
Channel A/Channel B LVDS Fast Detect Indicator 2—Complement. See Table 18 for details.
61
FD3+
Output
Channel A/Channel B LVDS Fast Detect Indicator 3—True. See Table 18 for details.
60
FD3−
Output
Channel A/Channel B LVDS Fast Detect Indicator 3—Complement. See Table 18 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com