Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9640
Description  1.8V Dual Analog-to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9640 Datasheet HTML 19Page - Analog Devices AD9640 Datasheet HTML 20Page - Analog Devices AD9640 Datasheet HTML 21Page - Analog Devices AD9640 Datasheet HTML 22Page - Analog Devices AD9640 Datasheet HTML 23Page - Analog Devices AD9640 Datasheet HTML 24Page - Analog Devices AD9640 Datasheet HTML 25Page - Analog Devices AD9640 Datasheet HTML 26Page - Analog Devices AD9640 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
AD9640
Rev. B | Page 21 of 52
0
–120
0
FREQUENCY (MHz)
–20
–40
–60
–80
–100
10
20
30
40
50
70
60
150MSPS
440MHz @ –1dBFS
SNR = 65dBc (66dBFS)
ENOB = 10.4 BITS
SFDR = 70.0dB
SECOND HARMONIC
THIRD HARMONIC
Figure 22. AD9640-150 Single-Tone FFT with fIN = 440 MHz
0
–120
0
FREQUENCY (MHz)
–20
–40
–60
–80
–100
10
20
30
40
50
60
125 MSPS
2.3MHz @ –1dBFS
SNR = 72.3dBc (73.3dBFS)
ENOB = 11.8 BITS
SFDR = 88.4dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 23. AD9640-125 Single-Tone FFT with fIN = 2.3 MHz
0
–120
0
FREQUENCY (MHz)
–20
–40
–60
–80
–100
10
20
30
40
50
60
125 MSPS
30.3MHz @ –1dBFS
SNR = 72.1dBc (73.1dBFS)
ENOB = 11.8 BITS
SFDR = 89.1dBc
THIRD HARMONIC
SECOND HARMONIC
Figure 24. AD9640-125 Single-Tone FFT with fIN = 30.3 MHz
0
–120
0
FREQUENCY (MHz)
–20
–40
–60
–80
–100
10
20
30
40
50
60
125MSPS
70MHz @ –1dBFS
SNR = 71.8dBc (72.8dBFS)
ENOB = 11.7 BITS
SFDR = 85dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 25. AD9640-125 Single-Tone FFT with fIN = 70 MHz
0
–120
0
FREQUENCY (MHz)
–20
–40
–60
–80
–100
10
20
30
40
50
60
125 MSPS
140MHz @ –1dBFS
SNR = 71.4dBc (72.4dBFS)
ENOB = 11.7 BITS
SFDR = 87.1dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 26. AD9640-125 Single-Tone FFT with fIN = 140 MHz
0
–120
0
FREQUENCY (MHz)
–20
–40
–60
–80
–100
10
20
30
40
50
60
125 MSPS
200MHz @ –1dBFS
SNR = 70.8dBc (71.8dBFS)
ENOB = 11.6 BITS
SFDR = 80.5dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 27. AD9640-125 Single-Tone FFT with fIN = 200 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com