Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9640
Description  1.8V Dual Analog-to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9640 Datasheet HTML 27Page - Analog Devices AD9640 Datasheet HTML 28Page - Analog Devices AD9640 Datasheet HTML 29Page - Analog Devices AD9640 Datasheet HTML 30Page - Analog Devices AD9640 Datasheet HTML 31Page - Analog Devices AD9640 Datasheet HTML 32Page - Analog Devices AD9640 Datasheet HTML 33Page - Analog Devices AD9640 Datasheet HTML 34Page - Analog Devices AD9640 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
AD9640
Rev. B | Page 29 of 52
CLK+ can be directly driven from a CMOS gate. Although the
CLK+ input circuit supply is AVDD (1.8 V), this input is designed
to withstand input voltages up to 3.6 V, making the selection of
the drive logic voltage very flexible.
OPTIONAL
100
Ω
0.1µF
0.1µF
0.1µF
39k
Ω
50
Ω1
150
Ω RESISTOR IS OPTIONAL
CLK–
CLK+
ADC
AD9640
VCC
1k
Ω
1k
Ω
CLOCK
INPUT
AD951x
CMOS DRIVER
Figure 60. Single-Ended 1.8 V CMOS Sample Clock (Up to 150 MSPS)
150
Ω RESISTOR IS OPTIONAL
OPTIONAL
100
Ω
0.1µF
0.1µF
0.1µF
VCC
50
Ω1
CLK–
CLK+
ADC
AD9640
1k
Ω
1k
Ω
CLOCK
INPUT
AD951x
CMOS DRIVER
Figure 61. Single-Ended 3.3 V CMOS Sample Clock (Up to 150 MSPS)
Input Clock Divider
The AD9640 contains an input clock divider with the ability to
divide the input clock by integer values between 1 and 8. If a
divide ratio other than 1 is selected, the duty cycle stabilizer is
automatically enabled.
The AD9640 clock divider can be synchronized using the external
SYNC input. Bit 1 and Bit 2 of Register 0x100 allow the clock
divider to be resynchronized on every SYNC signal or only on
the first SYNC signal after the register is written. A valid SYNC
causes the clock divider to reset to its initial state. This synchro-
nization feature allows multiple parts to have their clock dividers
aligned to guarantee simultaneous input sampling.
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate
a variety of internal timing signals and, as a result, may be
sensitive to clock duty cycle. Commonly, a ±5% tolerance is
required on the clock duty cycle to maintain dynamic
performance characteristics.
The AD9640 contains a duty cycle stabilizer (DCS) that retimes
the nonsampling (falling) edge, providing an internal clock
signal with a nominal 50% duty cycle. This allows the user to
provide a wide range of clock input duty cycles without affecting
the performance of the AD9640. Noise and distortion performance
are nearly flat for a wide range of duty cycles with the DCS on,
as shown in Figure 43.
Jitter in the rising edge of the input is still of paramount concern
and is not easily reduced by the internal stabilization circuit.
The duty cycle control loop does not function for clock rates
less than 20 MHz nominally. The loop has a time constant
associated with it that needs to be considered where the clock
rate can change dynamically. This requires a wait time of 1.5 μs
to 5 μs after a dynamic clock frequency increase or decrease before
the DCS loop is relocked to the input signal. During the time
period the loop is not locked, the DCS loop is bypassed, and
internal device timing is dependent on the duty cycle of the input
clock signal. In such applications, it may be appropriate to disable
the duty cycle stabilizer. In all other applications, enabling the DCS
circuit is recommended to maximize ac performance.
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality
of the clock input. The degradation in SNR from the low
frequency SNR (SNRLF) at a given input frequency (fINPUT) due
to jitter (tJRMS) can be calculated by
SNRHF = −10 log[(2π × fINPUT × tJRMS)2 + 10
]
)
10
/
(
LF
SNR
−
In the equation, the rms aperture jitter represents the clock input
jitter specification. IF undersampling applications are particularly
sensitive to jitter, as illustrated in Figure 62.
75
70
65
60
55
50
45
40
1
10
100
1000
INPUT FREQUENCY (MHz)
3.00ps
0.05ps
MEASURED
PERFORMANCE
0.20ps
0.5ps
1.0ps
1.50ps
2.00ps
2.50ps
Figure 62. SNR vs. Input Frequency and Jitter
The clock input should be treated as an analog signal in cases
where aperture jitter may affect the dynamic range of the AD9640.
Power supplies for clock drivers should be separated from the
ADC output driver supplies to avoid modulating the clock
signal with digital noise. Low jitter, crystal-controlled oscillators
make the best clock sources. If the clock is generated from
another type of source (by gating, dividing, or other methods),
it should be retimed by the original clock at the last step.
See the AN-501 Application Note and AN-756 Application
Note for more information about jitter performance as it
relates to ADCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com