Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9640
Description  1.8V Dual Analog-to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9640 Datasheet HTML 26Page - Analog Devices AD9640 Datasheet HTML 27Page - Analog Devices AD9640 Datasheet HTML 28Page - Analog Devices AD9640 Datasheet HTML 29Page - Analog Devices AD9640 Datasheet HTML 30Page - Analog Devices AD9640 Datasheet HTML 31Page - Analog Devices AD9640 Datasheet HTML 32Page - Analog Devices AD9640 Datasheet HTML 33Page - Analog Devices AD9640 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
AD9640
Rev. B | Page 28 of 52
2.5
–2.5
–40
TEMPERATURE (°C)
2.0
1.5
1.0
0
–0.5
–1.0
–1.5
–2.0
–20
0
2040
6080
Figure 54. Typical VREF Drift
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. An internal
reference buffer loads the external reference with an equivalent
6 kΩ load (see Figure 15). The internal buffer generates the
positive and negative full-scale references for the ADC core.
Therefore, the external reference must be limited to a maximum
of 1 V.
CLOCK INPUT CONSIDERATIONS
For optimum performance, the AD9640 sample clock inputs
CLK+, and CLK− should be clocked with a differential signal.
The signal is typically ac-coupled into the CLK+ and CLK− pins
via a transformer or capacitors. These pins are biased internally
(see Figure 55) and require no external bias.
1.2V
AVDD
2pF
2pF
CLK–
CLK+
Figure 55. Equivalent Clock Input Circuit
Clock Input Options
The AD9640 has a very flexible clock input structure. Clock input
can be a CMOS, LVDS, LVPECL, or sine wave signal. Regardless of
the type of signal being used, the jitter of the clock source is of the
most concern, as described in the Jitter Considerations section.
Figure 56 and Figure 57 show two preferred methods for clocking
the AD9640 (at clock rates to 625 MHz). A low jitter clock source
is converted from a single-ended signal to a differential signal
using either an RF balun or an RF transformer. The RF balun
configuration is recommended for clock frequencies between
125 MHz and 625 MHz, and the RF transformer is recommended
for clock frequencies from 10 MHz to 200MHz. The back-to-back
Schottky diodes across the transformer/balun secondary limit
clock excursions into the AD9640 to approximately 0.8 V p-p
differential.
This helps prevent the large voltage swings of the clock from
feeding through to other portions of the AD9640, while preserving
the fast rise and fall times of the signal that are critical to a low
jitter performance.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50
Ω
100
Ω
CLK–
CLK+
ADC
AD9640
MINI-CIRCUITS
ADT1–1WT, 1:1Z
XFMR
Figure 56. Transformer Coupled Differential Clock (Up to 200 MHz)
0.1µF
0.1µF
1nF
CLOCK
INPUT
1nF
50
Ω
CLK–
CLK+
ADC
AD9640
SCHOTTKY
DIODES:
HSMS2822
Figure 57. Balun Coupled Differential Clock (Up to 625 MHz)
If a low jitter clock source is not available, another option is to
ac couple a differential PECL signal to the sample clock input
pins, as shown in Figure 58. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515/AD9516 clock drivers offer excellent
jitter performance.
100
Ω
0.1µF
0.1µF
0.1µF
0.1µF
240
Ω
240
Ω
PECL DRIVER
50k
Ω
50k
Ω
CLK–
CLK+
ADC
AD9640
CLOCK
INPUT
CLOCK
INPUT
AD951x
Figure 58. Differential PECL Sample Clock (Up to 625 MHz)
A third option is to ac-couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 59. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515/AD9516 clock
drivers offer excellent jitter performance.
100
Ω
0.1µF
0.1µF
0.1µF
0.1µF
50k
Ω
50k
Ω
CLK–
CLK+
ADC
AD9640
CLOCK
INPUT
CLOCK
INPUT
AD951x
LVDS DRIVER
Figure 59. Differential LVDS Sample Clock (Up to 625 MHz)
In some applications, it may be acceptable to drive the sample
clock inputs with a single-ended CMOS signal. In such applica-
tions, CLK+ should be directly driven from a CMOS gate, and
the CLK− pin should be bypassed to ground with a 0.1 μF
capacitor in parallel with a 39 kΩ resistor (see Figure 60).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com