Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9640
Description  1.8V Dual Analog-to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9640 Datasheet HTML 25Page - Analog Devices AD9640 Datasheet HTML 26Page - Analog Devices AD9640 Datasheet HTML 27Page - Analog Devices AD9640 Datasheet HTML 28Page - Analog Devices AD9640 Datasheet HTML 29Page - Analog Devices AD9640 Datasheet HTML 30Page - Analog Devices AD9640 Datasheet HTML 31Page - Analog Devices AD9640 Datasheet HTML 32Page - Analog Devices AD9640 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
AD9640
Rev. B | Page 27 of 52
VOLTAGE REFERENCE
A stable and accurate voltage reference is built into the AD9640.
The input range can be adjusted by varying the reference voltage
applied to the AD9640, using either the internal reference or an
externally applied reference voltage. The input span of the ADC
tracks reference voltage changes linearly. The various reference
modes are summarized in the next few sections. The Reference
Decoupling section describes the best practices PCB layout of
the reference.
Internal Reference Connection
A comparator within the AD9640 detects the potential at the
SENSE pin and configures the reference into four possible
modes, which are summarized in Table 14. If SENSE is grounded,
the reference amplifier switch is connected to the internal
resistor divider (see Figure 51), setting VREF to 1 V. Connecting
the SENSE pin to VREF switches the reference amplifier output
to the SENSE pin, completing the loop and providing a 0.5 V
reference output. If a resistor divider is connected external to
the chip, as shown in Figure 52, the switch again sets to the
SENSE pin. This puts the reference amplifier in a noninverting
mode with the VREF output defined as
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
R1
R2
VREF
1
5
.
0
The input range of the ADC always equals twice the voltage at
the reference pin for either an internal or an external reference.
VREF
SENSE
0.5V
AD9640
SELECT
LOGIC
0.1µF
1.0µF
VIN–A/VIN–B
VIN+A/VIN+B
ADC
CORE
Figure 51. Internal Reference Configuration
0.5V
AD9640
SELECT
LOGIC
VIN–A/VIN–B
VIN+A/VIN+B
ADC
CORE
VREF
SENSE
0.1µF
1.0µF
R2
R1
Figure 52. Programmable Reference Configuration
If the internal reference of the AD9640 is used to drive multiple
converters to improve gain matching, the loading of the reference
by the other converters must be considered. Figure 53 shows
how the internal reference voltage is affected by loading.
0
–1.25
02
LOAD CURRENT (mA)
.0
–0.25
–0.50
–0.75
–1.00
0.5
1.0
1.5
VREF = 0.5V
VREF = 1V
Figure 53. VREF Accuracy vs. Load
External Reference Operation
The use of an external reference may be necessary to enhance
the gain accuracy of the ADC or improve thermal drift charac-
teristics. Figure 54 shows the typical drift characteristics of the
internal reference in 1 V mode.
Table 14. Reference Configuration Summary
Selected Mode
SENSE Voltage
Resulting VREF (V)
Resulting Differential Span (V p-p)
External Reference
AVDD
N/A
2 × External Reference
Internal Fixed Reference
VREF
0.5
1.0
Programmable Reference
0.2 V to VREF
⎟
⎠
⎞
⎜
⎝
⎛ +
×
R1
R2
1
5
.
0
(see Figure 52)
2 × VREF
Internal Fixed Reference
AGND to 0.2 V
1.0
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com