Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9640
Description  1.8V Dual Analog-to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9640 Datasheet HTML 21Page - Analog Devices AD9640 Datasheet HTML 22Page - Analog Devices AD9640 Datasheet HTML 23Page - Analog Devices AD9640 Datasheet HTML 24Page - Analog Devices AD9640 Datasheet HTML 25Page - Analog Devices AD9640 Datasheet HTML 26Page - Analog Devices AD9640 Datasheet HTML 27Page - Analog Devices AD9640 Datasheet HTML 28Page - Analog Devices AD9640 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
AD9640
Rev. B | Page 23 of 52
0
–100
–80
–60
–40
–20
–120
–90
–78
–66
–54
–42
–30
–18
INPUT AMPLITUDE (dBFS)
–6
SFDR (dBFS)
SFDR (dBc)
IMD3 (dBc)
IMD3 (dBFS)
Figure 34. AD9640-150 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 169.1 MHz, fIN2 = 172.1 MHz, fS = 150 MSPS
0
61.44
0
–120
FREQUENCY (MHz)
–20
–40
–60
–80
–100
15.36
30.72
46.08
Figure 35. AD9640-125, Two 64 k WCDMA Carriers
with fIN = 170 MHz, fS = 122.88 MSPS
0
10
20
30
40
50
70
60
0
–120
FREQUENCY (MHz)
–20
–40
–60
–80
–100
150 MSPS
29.1MHz @–7dBFS
32.1MHz @–7dBFS
SFDR = 86.1dBc (93dBFS)
Figure 36. AD9640-150 Two-Tone FFT with fIN1 = 29.1 MHz and fIN2 = 32.1 MHz
0
10
20
30
40
50
70
60
0
–120
FREQUENCY (MHz)
–20
–40
–60
–80
–100
150 MSPS
169.1MHz @–7dBFS
172.1MHz @–7dBFS
SFDR = 83.8dBc (90.8dBFS)
Figure 37. AD9640-150 Two-Tone FFT with fIN1 = 169.1 MHz and
fIN2 = 172.1 MHz
0
–120
0
FREQUENCY (MHz)
62.5
–20
–40
–60
–80
–100
15.625
31.25
46.875
NPR = 64.7dBc
NOTCH @ 18.5MHz
NOTCH WIDTH = 3MHz
Figure 38. AD9640 Noise Power Ratio (NPR)
0
150
100
70
CLOCK FREQUENCY (Msps)
95
90
85
80
75
25
50
75
100
125
SNR—SIDE A
SNR—SIDE B
SFDR—SIDE A
SFDR—SIDE B
Figure 39. AD9640-125 Single-Tone SNR/SFDR vs. Clock Frequency (fS)
with fIN = 2.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com