Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 48 Page - Analog Devices

Part # AD9640
Description  1.8V Dual Analog-to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9640 Datasheet HTML 44Page - Analog Devices AD9640 Datasheet HTML 45Page - Analog Devices AD9640 Datasheet HTML 46Page - Analog Devices AD9640 Datasheet HTML 47Page - Analog Devices AD9640 Datasheet HTML 48Page - Analog Devices AD9640 Datasheet HTML 49Page - Analog Devices AD9640 Datasheet HTML 50Page - Analog Devices AD9640 Datasheet HTML 51Page - Analog Devices AD9640 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
AD9640
Rev. B | Page 46 of 52
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default
Notes/
Comments
0x11A
Signal Monitor
Result
Channel B
Register 1
(Global)
Signal Monitor Result Channel B[15:8]
Read only
0x11B
Signal Monitor
Result
Channel B
Register 2
(Global)
Open
Open
Open
Open
Signal Monitor Result Channel B[19:16]
Read only
MEMORY MAP REGISTER DESCRIPTION
For additional information about functions controlled in
Register 0x00 to Register 0xFF, see the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI.
Sync Control (Register 0x100)
Bit 7—Signal Monitor Sync Enable
Bit 7 enables the sync pulse from the external SYNC input to
the signal monitor block. The sync signal is passed when Bit 7
is high and Bit 0 is high. This is continuous sync mode.
Bits[6:3]—Reserved
Bit 2—Clock Divider Next Sync Only
If the sync enable bit (Address 0x100[0]) is high and the clock
divider sync enable (Address 0x100[1]) is high, Bit 2 allows the
clock divider to sync to the first sync pulse it receives and ignore
the rest. Address 0x100[1] resets after it syncs.
Bit 1—Clock Divider Sync Enable
Bit 1 gates the sync pulse to the clock divider. The sync signal is
passed when Bit 1 is high and Bit 0 is high. This is continuous
sync mode.
Bit 0—Master Sync Enable
Bit 0 must be high to enable any of the sync functions.
Fast Detect Control (Register 0x104)
Bits[7:4]—Reserved
Bits[3:1]—Fast Detect Mode Select
These bits set the mode of the fast detect output bits according
to Table 17.
Bit 0—Fast Detect Enable
Bit 0 is used to enable the fast detect bits. When the fast detect
outputs are disabled, the outputs go into a high impedance state.
In LVDS mode, when the outputs are interleaved, the outputs go
high-Z only if both channels are turned off (power-down/standby/
output disabled). If only one channel is turned off (power-down/
standby/output disabled), the fast detect outputs repeat the data
of the active channel.
Fine Upper Threshold (Register 0x106 and Register 0x107)
Register 0x106, Bits[7:0]—Fine Upper Threshold[7:0]
Register 0x107, Bits[7:5]—Reserved
Register 0x107, Bits[4:0]—Fine Upper Threshold[12:8]
These registers provide the fine upper limit threshold. This 13-bit
value is compared to the 13-bit magnitude from the ADC block
and, if the ADC magnitude exceeds this threshold value, the
F_UT flag is set.
Fine Lower Threshold (Register 0x108 and Register 0x109)
Register 0x108, Bits[7:0]—Fine Lower Threshold
[7:0]
Register 0x109, Bits[7:5]—Reserved
Register 0x109, Bits[4:0]—Fine Lower Threshold[12:8]
These registers provide a fine lower limit threshold. This 13-bit
value is compared to the 13-bit magnitude from the ADC block
and, if the ADC magnitude is less than this threshold value, the
F_LT flag is set.
Signal Monitor DC Correction Control (Register 0x10C)
Bit 7—Reserved
Bit 6—DC Correction Freeze
When Bit 6 is set high, the dc correction is no longer updated
to the signal monitoring block. It holds the last dc value it
calculated.
Bits[5:2]—DC Correction Bandwidth
These bits set the averaging time of the signal monitor dc correc-
tion function. It is a 4-bit word that sets the bandwidth of the
correction block (see Table 26).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com