Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 114 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 114 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 110Page - Microchip Technology LAN9220 Datasheet HTML 111Page - Microchip Technology LAN9220 Datasheet HTML 112Page - Microchip Technology LAN9220 Datasheet HTML 113Page - Microchip Technology LAN9220 Datasheet HTML 114Page - Microchip Technology LAN9220 Datasheet HTML 115Page - Microchip Technology LAN9220 Datasheet HTML 116Page - Microchip Technology LAN9220 Datasheet HTML 117Page - Microchip Technology LAN9220 Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 142 page
background image
LAN9220
DS00002417A-page 114
 2006-2017 Microchip Technology Inc.
6.0
TIMING DIAGRAMS
6.1
Equivalent Test Load
Output timing specifications assume an equivalent test load as illustrated in Figure 6-1 below.
6.2
Host Interface Timing
The LAN9220 supports the following host cycles:
Read Cycles:
• PIO Reads (nCS or nRD controlled)
• PIO Burst Reads (nCS or nRD controlled)
• RX Data FIFO Direct PIO Reads (nCS or nRD controlled)
• RX Data FIFO Direct PIO Burst Reads (nCS or nRD controlled)
Write Cycles:
• PIO writes (nCS and nWR controlled)
• TX Data FIFO direct PIO writes (nCS or nWR controlled)
All timing measurements were verified under the following conditions:
Temperature: ................................................................................................................................................0oC to +70oC
Load Capacitance (VDDVARIO = 3.3V +/- 300mV): ................................................................................................. 25pF
Load Capacitance (VDDVARIO = 2.5V +/- 10%): ..................................................................................................... 10pF
Load Capacitance (VDDVARIO = 1.8V +/- 10%): ..................................................................................................... 10pF
6.2.1
SPECIAL RESTRICTIONS ON BACK-TO-BACK WRITE/READ CYCLES
It is important to note that there are specific restrictions on the timing of back-to-back write-read operations. These
restrictions concern reading the control registers after any write cycle to the LAN9220 device. In many cases there is a
required minimum delay between writing to the LAN9220, and the subsequent side effect (change in the control register
value). For example, when writing to the TX Data FIFO, it takes up to 165ns for the level indication to change in the
TX_FIFO_INF register.
In order to prevent the host from reading stale data after a write operation, minimum wait periods must be enforced.
These periods are specified in Table 6-1, "Read After Write Timing Rules". The host processor is required to wait the
specified period of time after any write to the LAN9220 before reading the resource specified in the table. These wait
periods are for read operations that immediately follow any write cycle. Note that the required wait period is dependent
upon the register being read after the write.
Performing "dummy" reads of the BYTE_TEST register is a convenient way to ensure that the minimum write-to-read
timing restriction is met. Table 6-1 also shows the number of dummy reads that are required before reading the register
indicated. The number of BYTE_TEST reads in this table is based on the minimum timing for Tcycle (165ns). For micro-
FIGURE 6-1:
EQUIVALENT TEST LOAD
Note:
The specified test load used for output timing is dependent on VDDVARIO.
OUTPUT
Test load varies dependent on VDDVARIO:
VDDVARIO = 3.3V ± 300mV: 25pF
VDDVARIO = 2.5V ± 10%: 10pF
VDDVARIO=1.8V ± 10%: 10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com