Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 115 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 115 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 111Page - Microchip Technology LAN9220 Datasheet HTML 112Page - Microchip Technology LAN9220 Datasheet HTML 113Page - Microchip Technology LAN9220 Datasheet HTML 114Page - Microchip Technology LAN9220 Datasheet HTML 115Page - Microchip Technology LAN9220 Datasheet HTML 116Page - Microchip Technology LAN9220 Datasheet HTML 117Page - Microchip Technology LAN9220 Datasheet HTML 118Page - Microchip Technology LAN9220 Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 115
LAN9220
processors with slower busses the number of reads may be reduced as long as the total time is equal to, or greater than
the time specified in the table. Note that dummy reads of the BYTE_TEST register are not required as long as the min-
imum time period is met.
TABLE 6-1:
READ AFTER WRITE TIMING RULES
Register Name
Minimum Wait Time for Read
Following Any Write Cycle
(in ns)
Number of BYTE_TEST Reads
(Assuming Tcycle of 165ns)
ID_REV
0
0
IRQ_CFG
165
1
INT_STS
165
1
INT_EN
165
1
BYTE_TEST
0
0
FIFO_INT
165
1
RX_CFG
165
1
TX_CFG
165
1
HW_CFG
165
1
RX_DP_CTRL
165
1
RX_FIFO_INF
0
0
TX_FIFO_INF
165
1
PMT_CTRL
330
2
GPIO_CFG
165
1
GPT_CFG
165
1
GPT_CNT
165
1
WORD_SWAP
165
1
FREE_RUN
330
2
RX_DROP
0
0
MAC_CSR_CMD
165
1
MAC_CSR_DATA
165
1
AFC_CFG
165
1
E2P_CMD
165
1
E2P_DATA
165
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com