Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 119 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 119 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 115Page - Microchip Technology LAN9220 Datasheet HTML 116Page - Microchip Technology LAN9220 Datasheet HTML 117Page - Microchip Technology LAN9220 Datasheet HTML 118Page - Microchip Technology LAN9220 Datasheet HTML 119Page - Microchip Technology LAN9220 Datasheet HTML 120Page - Microchip Technology LAN9220 Datasheet HTML 121Page - Microchip Technology LAN9220 Datasheet HTML 122Page - Microchip Technology LAN9220 Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 119
LAN9220
6.5
RX Data FIFO Direct PIO Reads
In this mode the upper address inputs are not decoded, and any read of the LAN9220 will read the RX Data FIFO. This
mode is enabled when FIFO_SEL is driven high during a read access. This is normally accomplished by connecting the
FIFO_SEL signal to high-order address line. This mode is useful when the host processor must increment its address
when accessing the LAN9220. Timing is identical to a PIO read, and the FIFO_SEL signal has the same timing charac-
teristics as the address lines.
Note that address lines A[2:1] are still used, and address bits A[7:3] are ignored.
Note 6-4
When VDDVARIO is 3.3V or 2.5V, the maximum Tdoff time is 7ns. When VDDVARIO is 1.8V, the
maximum Tdoff time is 9ns.
FIGURE 6-4:
RX DATA FIFO DIRECT PIO READ CYCLE TIMING
Note:
The “Data Bus” width is 16 bits.
TABLE 6-5:
RX DATA FIFO DIRECT PIO READ TIMING
Symbol
Description
MIN
TYP
MAX
Units
tcycle
Read Cycle Time
165
ns
tcsl
nCS, nRD Assertion Time
32
ns
tcsh
nCS, nRD Deassertion Time (see Note below)
13
133
ns
tcsdv
nCS, nRD Valid to Data Valid
30
ns
tasu
Address, FIFO_SEL Setup to nCS, nRD Valid
0
ns
tah
Address, FIFO_SEL Hold Time
0
ns
tdon
Data Buffer Turn On Time
0
ns
tdoff
Data Buffer Turn Off Time
Note 6-4
ns
tdoh
Data Output Hold Time
0
ns
Note:
An RX Data FIFO Direct PIO Read cycle begins when both nCS and nRD are asserted. The cycle ends
when either or both nCS and nRD are de-asserted. They may be asserted and de-asserted in any order.
Parameters tcsh and tcsl must be extended using wait states to meet the tcycle minimum.
Data Bus
nCS, nRD
FIFO_SEL
A[2:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com