Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 117 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 117 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 113Page - Microchip Technology LAN9220 Datasheet HTML 114Page - Microchip Technology LAN9220 Datasheet HTML 115Page - Microchip Technology LAN9220 Datasheet HTML 116Page - Microchip Technology LAN9220 Datasheet HTML 117Page - Microchip Technology LAN9220 Datasheet HTML 118Page - Microchip Technology LAN9220 Datasheet HTML 119Page - Microchip Technology LAN9220 Datasheet HTML 120Page - Microchip Technology LAN9220 Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 117
LAN9220
6.3
PIO Reads
PIO reads can be used to access CSRs or RX Data and RX/TX status FIFOs. In this mode, counters in the CSRs are
latched at the beginning of the read cycle. Read data is valid as indicated in the timing diagram. PIO reads can be per-
formed using Chip Select (nCS) or Read Enable (nRD). Either or both of these control signals must go high between
cycles for the period specified.
Note 6-2
When VDDVARIO is 3.3V or 2.5V, the maximum Tdoff time is 7ns. When VDDVARIO is 1.8V, the
maximum Tdoff time is 9ns.
Note:
Some registers have restrictions on the timing of back-to-back, write-read and read-read cycles.
FIGURE 6-2:
PIO READ CYCLE TIMING
Note:
The “Data Bus” width is 16 bits.
TABLE 6-3:
PIO READ TIMING
Symbol
Description
MIN
TYP
MAX
Units
tcycle
Read Cycle Time
165
ns
tcsl
nCS, nRD Assertion Time
32
ns
tcsh
nCS, nRD Deassertion Time (see Note below)
13
133
ns
tcsdv
nCS, nRD Valid to Data Valid
30
ns
tasu
Address Setup to nCS, nRD Valid
0
ns
tah
Address Hold Time
0
ns
tdon
Data Buffer Turn On Time
0
ns
tdoff
Data Buffer Turn Off Time
Note 6-2
ns
tdoh
Data Output Hold Time
0
ns
Note:
A PIO Read cycle begins when both nCS and nRD are asserted. The cycle ends when either or both nCS
and nRD are deasserted. They may be asserted and deasserted in any order. Parameters tcsh and tcsl must
be extended using wait states to meet the tcycle minimum.
Data Bus
nCS, nRD
A[7:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com