| Electronic Components Datasheet Search |
|
AD7294 Datasheet(PDF) 31 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7294 Datasheet(HTML) 31 Page - Analog Devices |
|
31 / 48 page ![]() AD7294 Data Sheet Rev. I | Page 30 of 47 DACA,DACB, DACC, DACD, REGISTERS (0x01 TO 0x04) Writing to these register addresses sets the DACA, DACB, DACC, and DACD output voltage codes, respectively. Bits[D11:D0] in the write result register are the data bits sent to DACA. Bit D15 to Bit D12 are ignored. Table 17. DAC Register (First Write)1 MSB LSB D15 D14 D13 D12 D11 D10 D9 D8 X X X X B11 B10 B9 B8 1 X is don’t care. Table 18. DAC Register (Second Write) MSB LSB D7 D6 D5 D4 D3 D2 D1 D0 B7 B6 B5 B4 B3 B2 B1 B0 ALERT STATUS REGISTER A (0x05), REGISTER B (0x06), AND REGISTER C (0x07) The alert status registers (A, B, and C) are 8-bit read/write registers that provide information on an alert event. If a conversion results in activating the ALERT/BUSY pin or the alert_flag bit in the result register or TSENSE registers, the alert status register can be read to gain further information. To clear the full content of any one of the alert registers, write a code of FF (all ones) to the relevant registers. Alternatively, the user can write to the respective alert bit in the selected alert register to clear the alert associated with that bit. The entire contents of all the alert status registers can be cleared by writing a 1 to Bit D1 and Bit D2 in the configuration register, as shown in Table 24. However, this operation then enables the ALERT/BUSY pin for subsequent conversions. See the Alerts and Limits Theory section for more details. CHANNEL SEQUENCE REGISTER (0x08) The channel sequence register is an 8-bit read/write register that allows the user to sequence the ADC conversions to be per- formed in autocycle mode. Table 22 shows the content of the channel sequence register. See the Modes of Operation section for more information. Table 19. Alert Status Register A Alert Bit D7 D6 D5 D4 D3 D2 D1 D0 Function VIN3 high alert VIN3 low alert VIN2 high alert VIN2 low alert VIN1 high alert VIN1 low alert VIN0 high alert VIN0 low alert Table 20. Alert Status Register B Alert Bit D7 D6 D5 D4 D3 D2 D1 D0 Function Reserved Reserved ISENSE2 overrange ISENSE1 overrange ISENSE2 high alert ISENSE2 low alert ISENSE1 high alert ISENSE1 low alert Table 21. Alert Status Register C Alert Bit D7 D6 D5 D4 D3 D2 D1 D0 Function Open-diode flag Overtemp alert TSENSEINT high alert TSENSEINT low alert TSENSE2 high alert TSENSE2 low alert TSENSE1 high alert TSENSE1 low alert Table 22. Channel Sequence Register Channel Bit D7 D6 D5 D4 D3 D2 D1 D0 Function Reserved Reserved ISENSE2 ISENSE1 VIN3 VIN2 VIN1 VIN0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |