Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7294 Datasheet HTML 23Page - Analog Devices AD7294 Datasheet HTML 24Page - Analog Devices AD7294 Datasheet HTML 25Page - Analog Devices AD7294 Datasheet HTML 26Page - Analog Devices AD7294 Datasheet HTML 27Page - Analog Devices AD7294 Datasheet HTML 28Page - Analog Devices AD7294 Datasheet HTML 29Page - Analog Devices AD7294 Datasheet HTML 30Page - Analog Devices AD7294 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
AD7294
Data Sheet
Rev. I | Page 26 of 47
The AD7294 can also operate with an external reference.
Suitable reference sources for the AD7294 include the AD780,
AD1582, ADR431, REF193, and ADR391. In addition, choosing
a reference with an output trim adjustment, such as the ADR441,
allows a system designer to trim system errors by setting a
reference voltage to a voltage other than the nominal.
Long-term drift is a measure of how much the reference drifts
over time. A reference with a low long-term drift specification
ensures that the overall solution remains stable during its entire
lifetime. If an external reference is used, select a low temperature
coefficient specification to reduce the temperature dependence
of the system output voltage on ambient conditions.
VDRIVE FEATURE
The AD7294 also has a VDRIVE feature to control the voltage at
which the I2C interface operates. The VDRIVE pin is connected to
the supply to which the I2C bus is pulled. This pin sets the input
and output threshold levels for the digital logic pins and the
ISENSE OVERRANGE pins. The VDRIVE feature allows the AD7294
to easily interface to both 3 V and 5 V processors. For example,
if the AD7294 is operated with a VDD of 5 V, the VDRIVE pin can
be powered from a 3 V supply, allowing a large dynamic range
with low voltage digital processors. Thus, the AD7294 can be
used with the 2 × VREF input range with a VDD of 5 V, yet remains
capable of interfacing to 3 V digital devices. Decouple this pin to
DGND with a 100 nF and a 1 μF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com