Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7294 Datasheet HTML 14Page - Analog Devices AD7294 Datasheet HTML 15Page - Analog Devices AD7294 Datasheet HTML 16Page - Analog Devices AD7294 Datasheet HTML 17Page - Analog Devices AD7294 Datasheet HTML 18Page - Analog Devices AD7294 Datasheet HTML 19Page - Analog Devices AD7294 Datasheet HTML 20Page - Analog Devices AD7294 Datasheet HTML 21Page - Analog Devices AD7294 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Data Sheet
AD7294
Rev. I | Page 17 of 47
0.8
–0.8
–0.6
–0.4
–0.2
0.2
0.6
0
0.4
0
20
18
16
14
12
10
8
6
4
2
TIME (µs)
64pF
1nF
10nF
Figure 24. Zoomed in Settling for a ¼ to ¾ Output Voltage Step
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
40
35
30
25
20
15
10
5
SINK CURRENT (mA)
DAC A
DAC B
DAC C
DAC D
AVDD = DVDD = 5V
OFFSET IN = FLOATING
DAC OUT V = 15V
VDRIVE = 5V, INTERNAL REF
Figure 25. DAC Sinking Current at Input Code = x000, (VOUT = 0 V)
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
0
40
35
30
25
20
15
10
5
SOURCE CURRENT (mA)
DAC A
DAC B
DAC C
DAC D
AVDD = DVDD = 5V
OFFSET IN = FLOATING
DAC OUT V = 15V
VDRIVE = 5V, INTERNAL REF
Figure 26. DAC Sourcing Current at Input Code = x000, (VOUT = 0 V)
100
80
60
40
20
0
–20
–40
–60
–80
–100
–50
50
20
40
30
10
0
–10
–20
–30
–40
LOAD CURRENT (mA)
DAC A
DAC B
DAC C
DAC D
AVDD = DVDD = 5V
OFFSET IN = FLOATING
DAC OUT V = 15V
VDRIVE = 5V, INTERNAL REF
Figure 27. DAC Output Voltage vs. Load Current, Input Code = x800
55
50
45
40
35
30
25
20
–5
0
5
10
15
20
TIME (Seconds)
Figure 28. Response of the AD7294 to Thermal Shock Using 2N3906
(2N3906 Placed in a Stirred Oil Bath)
55
50
45
40
35
30
25
–5
0
60
55
50
45
40
35
30
25
20
15
10
5
TIME (Seconds)
EXTERNAL
INTERNAL
AD7294 IN SOCKET ON
200mm × 100mm 2-LAYER FR-4 PCB
Figure 29. Response to Thermal Shock from Room Temperature into 50°C
Stirred Oil (Both the AD7294 and the 2N3906 are Placed in a Stirred Oil Bath)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com