Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7294 Datasheet HTML 6Page - Analog Devices AD7294 Datasheet HTML 7Page - Analog Devices AD7294 Datasheet HTML 8Page - Analog Devices AD7294 Datasheet HTML 9Page - Analog Devices AD7294 Datasheet HTML 10Page - Analog Devices AD7294 Datasheet HTML 11Page - Analog Devices AD7294 Datasheet HTML 12Page - Analog Devices AD7294 Datasheet HTML 13Page - Analog Devices AD7294 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Data Sheet
AD7294
Rev. I | Page 9 of 47
TIMING CHARACTERISTICS
I2C Serial Interface
AVDD = DVDD = 4.5 V to 5.5 V, AGND = DGND = 0 V, VREF = 2.5 V internal or external; VDRIVE = 2.7 V to 5.5 V; VPP = AVDD to 59.4 V;
DAC OUTV+ AB and DAC OUTV+ CD = 4.5 V to 16.5 V; OFFSET IN x is floating, therefore, DAC output span = 0 V to 5 V; TA =
−40°C to +105°C, unless otherwise noted.
Table 4.
Parameter1
Limit at TMIN, TMAX
Unit
Description
fSCL
400
kHz max
SCL clock frequency
t1
2.5
μs min
SCL cycle time
t2
0.6
μs min
tHIGH, SCL high time
t3
1.3
μs min
tLOW, SCL low time
t4
0.6
μs min
tHD,STA, start/repeated start condition hold time
t5
100
ns min
tSU,DAT, data setup time
t6
0.9
μs max
tHD,DAT, data hold time
0
μs min
tHD,DAT, data hold time
t7
0.6
μs min
tSU,STA, setup time for repeated start
t8
0.6
μs min
tSU,STO, stop condition setup time
t9
1.3
μs min
tBUF, bus free time between a stop and a start condition
t10
300
ns max
tR, rise time of SCL and SDA when receiving
0
ns min
tR, rise time of SCL and SDA when receiving (CMOS compatible)
t11
300
ns max
tF, fall time of SDA when transmitting
0
ns min
tF, fall time of SDA when receiving (CMOS compatible)
300
ns max
tF, fall time of SCL and SDA when receiving
20 + 0.1Cb2
ns min
tF, fall time of SCL and SDA when transmitting
Cb
400
pF max
Capacitive load for each bus line
1 See Figure 2.
2 Cb is the total capacitance in pF of one bus line. tR and tF are measured between 0.3 DVDD and 0.7 DVDD.
Timing and Circuit Diagrams
START
CONDITION
REPEATED
START
CONDITION
STOP
CONDITION
t9
t3
t1
t11
t4
t10
t4
t5
t7
t6
t8
t2
SDA
SCL
Figure 2. I2C-Compatible Serial Interface Timing Diagram
CL
50pF
TO OUTPUT PIN
VOH (MIN) OR
VOL (MAX)
200µA
200µA
IOL
IOH
Figure 3. Load Circuit for Digital Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com