Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 5 Page - Analog Devices

  AD7294 Datasheet HTML 1Page - Analog Devices AD7294 Datasheet HTML 2Page - Analog Devices AD7294 Datasheet HTML 3Page - Analog Devices AD7294 Datasheet HTML 4Page - Analog Devices AD7294 Datasheet HTML 5Page - Analog Devices AD7294 Datasheet HTML 6Page - Analog Devices AD7294 Datasheet HTML 7Page - Analog Devices AD7294 Datasheet HTML 8Page - Analog Devices AD7294 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
AD7294
Data Sheet
Rev. I | Page 4 of 47
FUNCTIONAL BLOCK DIAGRAM
LIMIT
REGISTERS
MUX
CONTROL LOGIC
I2C INTERFACE
PROTOCOL
TEMP
SENSOR
HIGH SIDE
CURRENT
SENSE
HIGH SIDE
CURRENT
SENSE
REFOUT/
REFIN DAC
T1
T2
TO LOAD
RS1(+)
RS2(+)
RS2(–)
RS1(–)
D1+
D2+
D1–
D2–
AVDD
(1 TO 6)
AGND
(1 TO 7)
DAC OUT
V+ AB/CD
AD7294
REFOUT/
REFIN ADC
VPP(1 TO 2)
ALERT/
BUSY
DCAP
VREF
10.41
ISENSE1
OVERRANGE
ISENSE2
OVERRANGE
RSENSE
12-BIT
ADC
AS0
AS1
AS2
SCL
SDA
DVDD
DGND
(1 TO 2)
VIN0
VIN1
VIN2
VIN3
12-BIT
DAC
100kΩ 200kΩ
100kΩ 200kΩ
12-BIT
DAC
100kΩ 200kΩ
100kΩ 200kΩ
12-BIT
DAC
100kΩ 200kΩ
100kΩ 200kΩ
12-BIT
DAC
100kΩ 200kΩ
100kΩ 200kΩ
OFFSET IN A
VOUTB
OFFSET IN B
VOUTC
OFFSET IN C
VOUTD
OFFSET IN D
VOUTA
2.5V
REF
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com