Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 33 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD7294 Datasheet HTML 29Page - Analog Devices AD7294 Datasheet HTML 30Page - Analog Devices AD7294 Datasheet HTML 31Page - Analog Devices AD7294 Datasheet HTML 32Page - Analog Devices AD7294 Datasheet HTML 33Page - Analog Devices AD7294 Datasheet HTML 34Page - Analog Devices AD7294 Datasheet HTML 35Page - Analog Devices AD7294 Datasheet HTML 36Page - Analog Devices AD7294 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
AD7294
Data Sheet
Rev. I | Page 32 of 47
POWER-DOWN REGISTER (0x0A)
The power-down register is an 8-bit read/write register that
powers down various sections on the AD7294 device. On
power-up, the default value for the power-down register is 0x30.
The content of the power-down register is provided in Table 27.
Table 27. Power-Down Register Description
Bit
Function
D7
Power down the full chip
D6
Reserved
D5
Power down the ADC reference buffer (to allow
external reference, 1 at power-up)
D4
Power down the DAC reference buffer (to allow
external reference, 1 at power-up)
D3
Power down the temperature sensor
D2
Power down ISENSE1
D1
Power down ISENSE2
D0
DAC outputs set to high impedance (set
automatically if die temperature >150°C)
In normal operation, the two MSBs of the I2C slave address are
set to 11 by an internal ROM. However, in full power-down
mode (power down by setting Bit D7 = 1), this ROM is switched
off and the slave address MSBs become 00. Therefore, to exit the
full-power-down state, it is necessary to write to the AD7294
using this modified slave address.
After writing 0 to power down Bit D7, the slave address MSBs
return to their original 11 value.
DATAHIGH/DATALOW REGISTERS: 0x0B, 0x0C (VIN0);
0x0E, 0x0F (VIN1); 0x11, 0x12 (VIN2); 0x14, 0x15 (VIN3)
The DATAHIGH and DATALOW registers for a channel are 16-bit,
read/write registers (see Table 29 and Table 30). General alert is
flagged by the MSB, D15. D14 to D12 are not used in the register
and are set to 0s. The remaining 12 bits set the high and low limits
for the relevant channel. For single-ended mode, the default values
for VIN0 to VIN3, are 000 and FFF in binary format. For differen-
tial mode on VIN0 to VIN3, the default values for DATAHIGH and
DATALOW are 7FF and 800, twos complement format. Note that if
the device is configured in either single-ended or differential
mode and the mode is changed, the user must reprogram the
limits in the DATAHIGH and DATALOW registers.
Channel 7 to Channel 9 (TSENSE1, TSENSE2, and TSENSEINT) default
to 3FF and 400 for the DATAHIGH and DATALOW limits because
they are in twos complement 11-bit format.
Table 28. Default Values for DATAHIGH and DATALOW
Registers
ADC
Channel
Single-Ended
Differential
DATALOW
DATAHIGH
DATALOW
DATAHIGH
VIN0
000
FFF
800
7FF
VIN1
000
FFF
800
7FF
VIN2
000
FFF
800
7FF
VIN3
000
FFF
800
7FF
ISENSE1
N/A
N/A
800
7FF
ISENSE2
N/A
N/A
800
7FF
TSENSE1
N/A
N/A
400
3FF
TSENSE2
N/A
N/A
400
3FF
TSENSEINT
N/A
N/A
400
3FF
Table 29. AD7294 DATAHIGH/LOW Register (First Read/Write)
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
Alert_Flag
0
0
0
B11
B10
B9
B8
Table 30. AD7294 DATAHIGH/LOW Register (Second Read/Write)
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0
HYSTERESIS REGISTERS: 0X0D (VIN0), 0X10
(VIN1), 0X13 (VIN2), 0X16 (VIN3)
Each hysteresis register is a 16-bit read/write register wherein
only the 12 LSBs of the register are used; the MSB signals the
alert event. If FFF is written to the hysteresis register, the hyste-
resis register enters the minimum/maximum mode, see the
Alerts and Limits Theory section for further details.
Table 31. Hysteresis Register (First Read/Write)
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
Alert_Flag
0
0
0
B11
B10
B9
B8
Table 32. Hysteresis Register (Second Read/Write)
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com