Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7294 Datasheet HTML 18Page - Analog Devices AD7294 Datasheet HTML 19Page - Analog Devices AD7294 Datasheet HTML 20Page - Analog Devices AD7294 Datasheet HTML 21Page - Analog Devices AD7294 Datasheet HTML 22Page - Analog Devices AD7294 Datasheet HTML 23Page - Analog Devices AD7294 Datasheet HTML 24Page - Analog Devices AD7294 Datasheet HTML 25Page - Analog Devices AD7294 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Data Sheet
AD7294
Rev. I | Page 21 of 47
If the analog input signal to be sampled is bipolar, the internal
reference of the ADC can be used to externally bias up this
signal so that it is correctly formatted for the ADC. Figure 37
shows a typical connection diagram when operating the ADC
in single-ended mode.
VIN
0V
+1.25V
–1.25V
REFOUT ADC
VIN0
AD7294
1
VIN3
R
R
3R
R
0V
+2.5V
0.47µF
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 37. Single-Ended Mode Connection Diagram
Differential Mode
The AD7294 can have two differential analog input pairs.
Differential signals have some benefits over single-ended
signals, including noise immunity based on the common-
mode rejection of the device and improvements in distortion
performance. Figure 38 defines the fully differential analog
input of the AD7294.
VIN+
AD7294
1
VIN–
VREF p-p
VREF p-p
COMMON-MODE
VOLTAGE
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 38. Differential Input Definition
The amplitude of the differential signal is the difference
between the signals applied to VIN+ and VIN− in each differential
pair (VIN+ − VIN−). The resulting converted data is stored in twos
complement format in the result register. Simultaneously drive
VIN0 and VIN1 by two signals, each of amplitude VREF (or 2 ×
VREF, depending on the range chosen), that are 180° out of
phase. Assuming the 0 V to VREF range is selected, the amplitude
of the differential signal is, therefore, −VREF to +VREF peak-to-
peak (2 × VREF), regardless of the common mode (VCM).
The common mode is the average of the two signals
(VIN+ + VIN−)/2
The common mode is, therefore, the voltage on which the two
inputs are centered.
This results in the span of each input being VCM ± VREF/2. This
voltage has to be set up externally, and its range varies with the
reference value, VREF. As the value of VREF increases, the common-
mode range decreases. When driving the inputs with an amplifier,
the actual common-mode range is determined by the output
voltage swing of the amplifier.
The common mode must be in this range to guarantee the
functionality of the AD7294.
When a conversion takes place, the common mode is rejected,
resulting in a virtually noise-free signal of amplitude −VREF to
+VREF, corresponding to the digital output codes of −2048 to
+2047 in twos complement format.
If the 2 × VREF range is used, the input signal amplitude extends
from −2 ×VREF (VIN+ = 0 V, VIN− = VREF) to +2 × VREF (VIN− = 0 V,
VIN+ = VREF).
Driving Differential Inputs
The differential modes available on VIN0 to VIN3 in Table 13
require that VIN+ and VIN− be driven simultaneously with two
equal signals that are 180° out of phase. The common mode on
which the analog input is centered must be set up externally. The
common-mode range is determined by VREF, the power supply,
and the particular amplifier used to drive the analog inputs.
Differential modes of operation with either an ac or dc input
provide the best THD performance over a wide frequency
range. Because not all applications have a signal preconditioned
for differential operation, there is often a need to perform a single-
ended-to-differential conversion.
Using an Op Amp Pair
An op amp pair can be used to directly couple a differential signal
to one of the analog input pairs of the AD7294. The circuit con-
figurations illustrated in Figure 39 show how a dual op amp can be
used to convert a single-ended bipolar signal into a differential
unipolar input signal.
The voltage applied to Point A sets up the common-mode voltage.
As shown in Figure 39, Point A connects to the reference, but any
value in the common-mode range can be the input at Point A to set
up the common mode. The AD8022 is a suitable dual op amp that
can be used in this configuration to provide differential drive to
the AD7294.
Care is required when choosing the op amp because the selection
depends on the required power supply and system performance
objectives. The driver circuits in Figure 39 are optimized for dc
coupling applications requiring best distortion performance.
The differential op amp driver circuit shown in Figure 39 is
configured to convert and level shift a single-ended, ground
referenced (bipolar) signal to a differential signal centered at
the VREF level of the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com