Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7294 Datasheet HTML 26Page - Analog Devices AD7294 Datasheet HTML 27Page - Analog Devices AD7294 Datasheet HTML 28Page - Analog Devices AD7294 Datasheet HTML 29Page - Analog Devices AD7294 Datasheet HTML 30Page - Analog Devices AD7294 Datasheet HTML 31Page - Analog Devices AD7294 Datasheet HTML 32Page - Analog Devices AD7294 Datasheet HTML 33Page - Analog Devices AD7294 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Data Sheet
AD7294
Rev. I | Page 29 of 47
ADC Channel Allocation
The three channel address bits indicate which channel the result
in the result register represents. Table 13 details the channel ID bits
(S.E. indicates single-ended and DIFF indicates differential).
Table 13. ADC Channel Allocation
Function
Channel ID
CHID2
CHID1
CHID0
VIN0 (S.E.) or
VIN0 − VIN1 (DIFF)
0
0
0
VIN1 (S.E.) or
VIN1 − VIN0 (DIFF)
0
0
1
VIN2 (S.E.) or
VIN2 − VIN3 (DIFF)
0
1
0
VIN3 (S.E.) or
VIN3 − VIN2 (DIFF)
0
1
1
ISENSE1
1
0
0
ISENSE2
1
0
1
TSENSE1
1
1
0
TSENSE2
1
1
1
TSENSE1, TSENSE2 RESULT REGISTERS (0X02 AND
0X03)
Register TSENSE1 and Register TSENSE2 are 16-bit read only registers.
The MSB, D15 is the alert_flag bit whereas Bit D14 to Bit D12
contain the three ADC channel allocation bits. D11 is reserved
for flagging diode open circuits. The temperature reading from
the ADC is stored in an 11-bit twos complement format, D10 to
D0 (see Table 14 and Table 15). Conversions take place approx-
imately every 5 ms.
Table 14. TSENSE Register (First Read)
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
Alert_Flag
CHID2
CHID1
CHID0
B11
B10
B9
B8
Table 15. Register (Second Read)
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0
TSENSEINT RESULT REGISTER (0X04)
The TSENSEINT register is a 16-bit read-only register used to
store the ADC data generated from the internal temperature
sensor. Similar to the TSENSE1 and TSENSE2 result registers, this
register stores the temperature readings from the ADC in an 11-
bit twos complement format, D10 to D0, and uses the MSB as a
general alert flag. Bits[D14:D11] are not used and are set to
zero. Conversions take place approximately every 5 ms. The
temperature data format in Table 16 also applies to the internal
temperature sensor data.
Temperature Value Format
The temperature reading from the ADC is stored in an 11-bit
twos complement format, D10 to D0, to accommodate both
positive and negative temperature measurements. The temper-
ature data format is provided in Table 16.
Table 16. TSENSE Data Format
Input
D10 (MSB)
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
Value (°C)
−256
+128
+64
+32
+16
+8
+4
+2
+1
+0.5
+0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com