Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 41 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD7294 Datasheet HTML 37Page - Analog Devices AD7294 Datasheet HTML 38Page - Analog Devices AD7294 Datasheet HTML 39Page - Analog Devices AD7294 Datasheet HTML 40Page - Analog Devices AD7294 Datasheet HTML 41Page - Analog Devices AD7294 Datasheet HTML 42Page - Analog Devices AD7294 Datasheet HTML 43Page - Analog Devices AD7294 Datasheet HTML 44Page - Analog Devices AD7294 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
AD7294
Data Sheet
Rev. I | Page 40 of 47
AUTOCYCLE MODE
The AD7294 can be configured to convert continuously on a
programmable sequence of channels making it the ideal mode
of operation for system monitoring. These conversions take
place in the background approximately every 50 µs, and are
transparent to the master. Typically, this mode is used to
automatically monitor a selection of channels with either the
limit registers programmed to signal an out-of-range condition
via the alert function or the minimum/maximum recorders
tracking the variation over time of a particular channel. Reads
and writes can be performed at any time (the ADC Result
Register 0x01 contains the most recent conversion result).
On power up, this mode is disabled. To enable this mode, write
to Bit D12 in the configuration register (0x09) and select the
desired channels for conversion in the channel sequence
register (0x08).
If a command mode conversion is required while the autocycle
mode is active, it is necessary to disable the autocycle mode before
proceeding to the command mode. This is achieved either by clear-
ing Bit D12 of the configuration register or by writing 0x00 to the
channel sequence register. When the command mode conversion is
complete, the user must exit command mode by issuing a stop
condition before reenabling autocycle mode.
When switching out of autocycle mode to command mode,
the temperature sensor must be given sufficient time to settle
and complete a new temperature integration cycle. Therefore,
temperature sensor conversions performed within the first
500 ms after switching from autocycle mode to command mode
may result in false temperature high and low alarms being
triggered. It is recommended to disable temperature sensor
alarms for the first 500 ms after mode switching by writing
0x400 to the DATALOW TSENSEx register and 0x3FF to the
DATAHIGH register TSENSEx. The temperature sensor alerts should
be reconfigured to the desired alarm level once the 500 ms has
elapsed. Alternatively, temperature alerts triggered during the
first 500 ms after mode switching should be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com