Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7294 Datasheet HTML 4Page - Analog Devices AD7294 Datasheet HTML 5Page - Analog Devices AD7294 Datasheet HTML 6Page - Analog Devices AD7294 Datasheet HTML 7Page - Analog Devices AD7294 Datasheet HTML 8Page - Analog Devices AD7294 Datasheet HTML 9Page - Analog Devices AD7294 Datasheet HTML 10Page - Analog Devices AD7294 Datasheet HTML 11Page - Analog Devices AD7294 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Data Sheet
AD7294
Rev. I | Page 7 of 47
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE SENSOR—INTERNAL
Operating Range
−40
+105
°C
Accuracy
±2
°C
Internal temperature sensor, TA = −30°C to +90°C
±2.5
°C
Internal temperature sensor, TA = −40°C to +105°C
Resolution
0.25
°C
LSB size
Update Rate
5
ms
TEMPERATURE SENSOR—EXTERNAL
External transistor is 2N3906
Operating Range
−55
+150
°C
Limited by external diode
Accuracy
±2
°C
TA = TDIODE = −40°C to +105°C
Resolution
0.25
°C
LSB size
Low Level Output Current Source2
8
µA
Medium Level Output Current Source2
32
µA
High Level Output Current Source2
128
µA
Maximum Series Resistance (RS) for
External Diode2
100
Ω
For < ±0.5°C additional error, CP = 0, see Figure 31
Maximum Parallel Capacitance (CP) for
External Diode2
1
nF
RS = 0, see Figure 30
CURRENT SENSE
VPP = AVDD to 59.4 V
VPP Supply Range
AVDD
59.4
V
Gain
12.4375
12.5
12.5625
Gain of 12.5 gives a gain error = 0.5% maximum;
delivers ±200 mV range with +2.5 V reference
RS(+)/RS(−) Input Bias Current
25
32
µA
CMRR/PSRR2
80
dB
Inputs shorted to VPP
Offset Error
±50
±340
µV
Offset Drift
1
µV/°C
Amplifier Peak-To-Peak Noise2
400
µV
Referred to input
VPP Supply Current
0.18
0.25
mA
VPP = 59.4 V
REFERENCE
Reference Output Voltage
2.49
2.51
V
±0.2% maximum at 25°C only
Reference Input Voltage Range
0.1
4.1
V
For four uncommitted ADCs
1
AVDD − 2
For current sense
DC Leakage Current
±2
μA
VREF Output Impedance2
25
Ω
Input Capacitance2
20
pF
Reference Temperature Coefficient
10
25
ppm/°C
1
See the Terminology section for more details.
2
Sampled during initial release to ensure compliance, not subject to production testing.
3
VIN+ or VIN− must remain within GND/VDD.
4 VIN− = 0 V for specified performance. For full input range on VIN−, see Figure 40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com