Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7294 Datasheet HTML 11Page - Analog Devices AD7294 Datasheet HTML 12Page - Analog Devices AD7294 Datasheet HTML 13Page - Analog Devices AD7294 Datasheet HTML 14Page - Analog Devices AD7294 Datasheet HTML 15Page - Analog Devices AD7294 Datasheet HTML 16Page - Analog Devices AD7294 Datasheet HTML 17Page - Analog Devices AD7294 Datasheet HTML 18Page - Analog Devices AD7294 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
AD7294
Data Sheet
Rev. I | Page 14 of 47
TYPICAL PERFORMANCE CHARACTERISTICS
20
0
–20
–40
–60
–80
–100
–120
0
10000
8000
6000
4000
2000
FREQUENCY (kHz)
8192 POINT FFT
AVDD = DVDD = 5V
VDRIVE = 5V, VREF RANGE
FSAMPLE = 22.22kSPS
FIN = 10kHz, FSCLK = 400kHz
SINGLE ENDED
SNR = 71dB, THD = –82dB
Figure 6. Signal-to-Noise Ratio Single-Ended, VREF Range
20
0
–20
–40
–60
–80
–100
–120
0
10000
8000
6000
4000
2000
FREQUENCY (kHz)
8192 POINT FFT
AVDD = DVDD = 5V
VDRIVE = 5V, 2VREF RANGE
FSAMPLE = 22.22kSPS
FIN = 10kHz, FSCLK = 400kHz
SINGLE ENDED
SNR = 72dB, THD = –80dB
Figure 7. Signal-to-Noise Ratio Single-Ended, 2 × VREF Range
20
0
–20
–40
–60
–80
–100
–120
0
10000
8000
6000
4000
2000
FREQUENCY (kHz)
8192 POINT FFT
AVDD = DVDD = 5V
VDRIVE = 5V, VREF RANGE
FSAMPLE = 22.22kSPS
FIN = 10kHz, FSCLK = 400kHz
DIFFERENTIAL
SNR = 72dB, THD = –86dB
Figure 8. Signal-to-Noise Ratio Differential, VREF Range
20
0
–20
–40
–60
–80
–100
–120
0
10000
8000
6000
4000
2000
FREQUENCY (kHz)
8192 POINT FFT
AVDD = DVDD = 5V
VDRIVE = 5V, 2VREF RANGE
FSAMPLE = 22.22kSPS
FIN = 10kHz, FSCLK = 400kHz
DIFFERENTIAL
SNR = 73dB, THD = –82dB
Figure 9. Signal-to-Noise Ratio Differential, 2 × VREF Range
1.0
0.8
0.4
0.6
0.2
0
–0.4
–1.0
–0.8
–0.2
–0.6
CODE
256
512
0
768
1024
1280
1536
1792
2048
2304
2560
2816
3072
3328
3584
3840
4096
TA = 25°C
VDRIVE = 5V, VREF RANGE
VREF = 2.5V
VDD = 5V
SINGLE-ENDED
Figure 10. ADC INL Single-Ended, VREF Range
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.8
0.4
0.6
CODE
TA = 25°C
VDRIVE = 5V, VREF RANGE
VREF = 2.5V
VDD = 5V
SINGLE-ENDED
256
512
0
768
1024
1280
1536
1792
2048
2304
2560
2816
3072
3328
3584
3840
4096
Figure 11. ADC DNL Single-Ended, VREF Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com