Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 1 Page - Analog Devices

  AD7294 Datasheet HTML 1Page - Analog Devices AD7294 Datasheet HTML 2Page - Analog Devices AD7294 Datasheet HTML 3Page - Analog Devices AD7294 Datasheet HTML 4Page - Analog Devices AD7294 Datasheet HTML 5Page - Analog Devices AD7294 Datasheet HTML 6Page - Analog Devices AD7294 Datasheet HTML 7Page - Analog Devices AD7294 Datasheet HTML 8Page - Analog Devices AD7294 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
12-Bit Monitor and Control System with Multichannel
ADC, DACs, Temperature Sensor, and Current Sense
Data Sheet
AD7294
Rev. I
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
12-bit SAR ADC with 3 μs conversion time
4 uncommitted analog inputs
Differential/single-ended
VREF, 2 × VREF input ranges
2 high-side current sense inputs
5 V to 59.4 V operating range
0.5% max gain error
±200 mV input range
2 external diode temperature sensor inputs
−55°C to +150°C measurement range
±2°C accuracy
Series resistance cancellation
1 internal temperature sensor
±2°C accuracy
Built-in monitoring features
Minimum/maximum recorder for each channel
Programmable alert thresholds
Programmable hysteresis
Four 12-bit monotonic 15 V DACs
5 V span, 0 V to 10 V offset
8 μs settling time
10 mA sink and source capability
Power-on resets (POR) to 0 V
Internal 2.5 V reference
2-wire fast mode I2C interface
Temperature range: −40°C to +105°C
Package type: 64-lead TQFP or 56-lead LFCSP
APPLICATIONS
Cellular base stations
GSM, EDGE, UMTS, CDMA, TD-SCDMA, W-CDMA, WiMAX
Point-to-multipoint and other RF transmission systems
12 V, 24 V, 48 V automotive applications
Industrial controls
GENERAL DESCRIPTION
The AD7294 contains all the functions required for general-
purpose monitoring and control of current, voltage, and
temperature integrated into a single-chip solution. The device
includes low voltage (±200 mV) analog input sense amplifiers
for current monitoring across shunt resistors, temperature sense
inputs, and four uncommitted analog input channels multiplexed
into a SAR analog-to-digital converter (ADC) with a 3 μs conver-
sion time. A high accuracy internal reference is provided to drive
both the digital-to-analog converter (DAC) and ADC. Four 12-bit
DACs provide the outputs for voltage control. The AD7294 also
includes limit registers for alarm functions. The device is designed
on Analog Devices, Inc., high voltage DMOS process for high
voltage compliance, 59.4 V on the current sense inputs, and up
to a 15 V DAC output voltage.
The AD7294 is a highly integrated solution that offers all the
functionality necessary for precise control of the power amplifier
in cellular base station applications. In these types of applications,
the DACs provide 12-bit resolution to control the bias currents
of the power transistors. Thermal diode-based temperature sensors
are incorporated to compensate for temperature effects. The ADC
monitors the high-side current and temperature. All this function-
ality is provided in a 64-lead TQFP or a 56-lead LFCSP operating
over a temperature range of −40°C to +105°C.


Similar Part No. - AD7294

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7294 AD-AD7294 Datasheet
682Kb / 45P
12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
Oct-2005
AD7294-2 AD-AD7294-2 Datasheet
1,006Kb / 45P
12-Bit Monitor and Control System
23-Feb-2017
AD7294-2BSUZ AD-AD7294-2BSUZ Datasheet
1,006Kb / 45P
12-Bit Monitor and Control System
23-Feb-2017
AD7294-2BSUZ-RL AD-AD7294-2BSUZ-RL Datasheet
1,006Kb / 45P
12-Bit Monitor and Control System
23-Feb-2017
More results

Similar Description - AD7294

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7294 AD-AD7294 Datasheet
682Kb / 45P
12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
Oct-2005
logo
Mean Well Enterprises C...
RCP-MU MEANWELL-RCP-MU Datasheet
313Kb / 3P
Power Control and Monitor System
logo
Texas Instruments
UCD90124 TI-UCD90124 Datasheet
2Mb / 44P
12-Rail Sequencer and System Health Monitor With Fan Control
UCD90124 TI-UCD90124_1 Datasheet
2Mb / 46P
12-Rail Sequencer and System Health Monitor With Fan Control
logo
Mean Well Enterprises C...
RCP-MU MEANWELL-RCP-MU_11 Datasheet
315Kb / 3P
Power Control and Monitor System
logo
Texas Instruments
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7834 TI-AMC7834_15 Datasheet
3Mb / 90P
AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
AMC7812B TI1-AMC7812B Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7834 TI1-AMC7834 Datasheet
4Mb / 93P
AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
logo
Analog Devices
AD7294-2 AD-AD7294-2 Datasheet
1,006Kb / 45P
12-Bit Monitor and Control System
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com