Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7294 Datasheet HTML 10Page - Analog Devices AD7294 Datasheet HTML 11Page - Analog Devices AD7294 Datasheet HTML 12Page - Analog Devices AD7294 Datasheet HTML 13Page - Analog Devices AD7294 Datasheet HTML 14Page - Analog Devices AD7294 Datasheet HTML 15Page - Analog Devices AD7294 Datasheet HTML 16Page - Analog Devices AD7294 Datasheet HTML 17Page - Analog Devices AD7294 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Data Sheet
AD7294
Rev. I | Page 13 of 47
TQFP Pin No.
LFCSP Pin No.
Mnemonic
Description
40
35
SCL
Serial I2C Bus Clock. The data transfer rate in I2C mode is compatible with both
100 kHz and 400 kHz operating modes. Open-drain input; external pull-up
resistor required.
41
36
OPGND
Dedicated Ground Pin for I2C Interface.
42
37
VDRIVE
Logic Power Supply. The voltage supplied at this pin determines at what
voltage the interface operates. Decouple this pin to DGND. The voltage range
on this pin is 2.7 V to 5.5 V and may be different to the voltage level at AVDD
and DVDD, but should never exceed either by more than 0.3 V. To set the input
and output thresholds, connect this pin to the supply to which the I2C bus is
pulled.
43, 47, 48
38, 42
DGND
Digital Ground. This pin is the ground for all digital circuitry.
44
39
DVDD
Logic Power Supply. The operating range is 4.5 V to 5.5 V. These pins provide
the supply voltage for all the digital circuitry on the AD7294. Connect the AVDD
and DVDD pins together to ensure that all supply pins are at the same potential.
Decouple this supply to DGND with a10 µF tantalum capacitor and a 0.1 µF
ceramic capacitor.
46, 45
41, 40
ISENSE1
OVERRANGE,
ISENSE2
OVERRANGE
Fault Comparator Outputs. These pins connect to the high-side current sense
amplifiers.
49, 50, 51, 52
43, 44, 45, 46
VIN3 to VIN0
Uncommitted ADC Analog Inputs. These pins are programmable as four
single-ended channels or two true differential analog input channel pairs. See
Table 1 and Table 13 for more details.
53
47
REFOUT/REFIN ADC
ADC Reference Input/Output Pin. The REFOUT/REFIN ADC pin provides the
reference source for the ADC. Upon power-up, the default configuration of this
pin is external reference (REFIN). Enable the internal reference by writing to the
power-down register; see Table 27. Connect decoupling capacitors (220 nF
recommended) to this pin to decouple the reference buffer. Provided the
output is buffered, the on-chip reference can be taken from this pin and
applied externally to the rest of a system. A maximum external reference
voltage of 2.5 V can be supplied to the REFOUT portion of the REFOUT/REFIN
ADC pin.
54
48
DCAP
External Decoupling Capacitor Input for Internal Temperature Sensor.
Decouple this pin to AGND using a 0.1 μF capacitor. In normal operation, the
voltage is typically 3.7 V.
62, 63
55, 56
VPP1, VPP2
Current Sensor Supply Pins. Power supply pins for the high-side current sense
amplifiers. Operating range is from AVDD to 59.4 V. Decouple this supply to
AGND. See the Current Sense Filtering section.
N/A1
0
EPAD
The exposed pad is located on the underside of the package. Connect the
exposed pad to the ground plane of the PCB using multiple vias.
1
N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com