Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7294 Datasheet HTML 24Page - Analog Devices AD7294 Datasheet HTML 25Page - Analog Devices AD7294 Datasheet HTML 26Page - Analog Devices AD7294 Datasheet HTML 27Page - Analog Devices AD7294 Datasheet HTML 28Page - Analog Devices AD7294 Datasheet HTML 29Page - Analog Devices AD7294 Datasheet HTML 30Page - Analog Devices AD7294 Datasheet HTML 31Page - Analog Devices AD7294 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Data Sheet
AD7294
Rev. I | Page 27 of 47
REGISTER SETTING
The AD7294 contains internal registers (see Figure 49) that
store conversion results, high and low conversion limits, and
information to configure and control the device.
ADDRESS
POINTER
REGISTER
SERIAL BUS INTERFACE
SDA
SCL
COMMAND
REGISTER
RESULT
REGISTER
DAC
REGISTERS
TSENSE RESULT
REGISTERS × 3
TSENSE OFFSET
REGISTERS × 2
ALERT
REGISTERS × 3
CONFIGURATION
REGISTER
POWER-DOWN
REGISTER
HYSTERESIS
REGISTER
DATAHIGH/
DATALOW
REGISTERS × 18
CHANNEL
SEQUENCE
REGISTER
Figure 49. AD7294 Register Structure
Each data register has an address to which the address pointer
register points when communicating with it. The command
register is the only register that is a write-only register; the rest
are read/write registers.
ADDRESS POINTER REGISTER
The address pointer register is an 8-bit register, in which the
6 LSBs are used as pointer bits to store an address that points
to one of the AD7294 data registers, see Table 9.
Table 9. AD7294 Register Address
Address in Hex
Registers (R is Read/W is Write)
00
Command Register (W)
01
Result Register (R)/DACA Value (W)
02
TSENSE1 Result (R)/DACB Value (W)
03
TSENSE2 Result (R)/DACC Value (W)
04
TSENSEINT Result (R)/DACD Value (W)
05
Alert Register A (R/W)
06
Alert Register B (R/W)
07
Alert Register C (R/W)
08
Channel Sequence Register (R/W)
09
Configuration Register (R/W)
0A
Power-Down Register (R/W)
0B
DATALOW Register VIN0 (R/W)
0C
DATAHIGH Register VIN0 (R/W)
0D
Hysteresis Register VIN0 (R/W)
0E
DATALOW Register VIN1 (R/W)
0F
DATAHIGH Register VIN1 (R/W)
10
Hysteresis Register VIN1 (R/W)
11
DATALOW Register, VIN2 (R/W)
12
DATAHIGH Register VIN2 (R/W)
13
Hysteresis Register VIN2 (R/W)
14
DATALOW Register VIN3 (R/W)
15
DATAHIGH Register VIN3 (R/W)
16
Hysteresis Register VIN3 (R/W)
17
DATALOW Register ISENSE1 (R/W)
18
DATAHIGH Register ISENSE1 (R/W)
19
Hysteresis Register ISENSE1 (R/W)
1A
DATALOW Register ISENSE2 (R/W)
1B
DATAHIGH Register ISENSE2 (R/W)
1C
Hysteresis Register ISENSE2 (R/W)
1D
DATALOW Register TSENSE1 (R/W)
1E
DATAHIGH Register TSENSE1 (R/W)
1F
Hysteresis Register TSENSE1 (R/W)
20
DATALOW Register TSENSE2 (R/W)
21
DATAHIGH Register TSENSE2 (R/W)
22
Hysteresis Register TSENSE2 (R/W)
23
DATALOW Register TSENSEINT (R/W)
24
DATAHIGH Register TSENSEINT (R/W)
25
Hysteresis Register TSENSEINT (R/W)
26
TSENSE1 Offset Register (R/W)
27
TSENSE2 Offset Register (R/W)
40
Factory Test Mode
41
Factory Test Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com