Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7294 Datasheet HTML 7Page - Analog Devices AD7294 Datasheet HTML 8Page - Analog Devices AD7294 Datasheet HTML 9Page - Analog Devices AD7294 Datasheet HTML 10Page - Analog Devices AD7294 Datasheet HTML 11Page - Analog Devices AD7294 Datasheet HTML 12Page - Analog Devices AD7294 Datasheet HTML 13Page - Analog Devices AD7294 Datasheet HTML 14Page - Analog Devices AD7294 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
AD7294
Data Sheet
Rev. I | Page 10 of 47
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.1
Table 5.
Parameter
Rating
VPPx to AGND
−0.3 V to +70 V
AVDDx to AGND
−0.3 V to +7 V
DAC OUTV+ AB to AGND
−0.3 V to +17 V
DAC OUTV+ CD to AGND
−0.3 V to +17 V
DVDD to DGND
−0.3 V to +7 V
VDRIVE to OPGND
−0.3 V to +7 V
Digital Inputs to OPGND
−0.3 V to VDRIVE + 0.3 V
SDA/SCL to OPGND
−0.3 V to +7 V
Digital Outputs to OPGND
−0.3 V to VDRIVE + 0.3 V
RS(+)/RS(−) to VPPx
VPP − 0.3 V to VPP + 0.3 V
REFOUT/REFIN ADC to AGND
−0.3 V to AVDD + 0.3 V
REFOUT/REFIN DAC to AGND
−0.3 V to AVDD + 0.3 V
OPGND to AGND
−0.3 V to +0.3 V
OPGND to DGND
−0.3 V to +0.3 V
AGND to DGND
−0.3 V to +0.3 V
VOUTx to AGND
−0.3 V to DAC OUTV(+) + 0.3 V
Analog Inputs to AGND
−0.3 V to AVDD + 0.3 V
Operating Temperature Range
B Version
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ Max)
150°C
ESD Human Body Model
1 kV
Reflow Soldering Peak
Temperature
260°C
1
Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
To conform with IPC 2221 industrial standards, it is advisable
to use conformal coating on the high voltage pins.
THERMAL RESISTANCE
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
64-Lead TQFP
54
16
°C/W
56-Lead LFCSP
21
2
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com