Electronic Components Datasheet Search
  English  ▼

X  

AD7294 Datasheet(PDF) 45 Page - Analog Devices

Part # AD7294
Description  12-Bit Monitor and Control System with Multichannel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7294 Datasheet(HTML) 45 Page - Analog Devices

Back Button AD7294 Datasheet HTML 40Page - Analog Devices AD7294 Datasheet HTML 41Page - Analog Devices AD7294 Datasheet HTML 42Page - Analog Devices AD7294 Datasheet HTML 43Page - Analog Devices AD7294 Datasheet HTML 44Page - Analog Devices AD7294 Datasheet HTML 45Page - Analog Devices AD7294 Datasheet HTML 46Page - Analog Devices AD7294 Datasheet HTML 47Page - Analog Devices AD7294 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
AD7294
Data Sheet
Rev. I | Page 44 of 47
GAIN CONTROL OF POWER AMPLIFIER
In gain control mode, a setpoint voltage, proportional in dB to
the desired output power, is applied to a power detector such as
the AD8362. A sample of the output power from the power
amplifier (PA), through a directional coupler and attenuator (or
by other means), is fed to the input of the AD8362. The VOUT
is connected to the gain control terminal of the PA, see Figure 60.
Based on the defined relationship between VOUT and the RF
input signal, the AD8362 adjusts the voltage on VOUT (VOUT
is now an error amplifier output) until the level at the RF input
corresponds to the applied VSET. The AD7294 completes a
feedback loop that tracks the output of the AD8362 and adjusts
the VSET input of the AD8362 accordingly.
VOUT of the AD8362 is applied to the gain control terminal of
the power amplifier. For this output power control loop to be
stable, a ground referenced capacitor must be connected to the
CLPF pin. This capacitor integrates the error signal (which is
actually a current) that is present when the loop is not balanced.
In a system where a variable gain amplifier (VGA) or variable
voltage attenuator (VVA) feeds the power amp, only one AD8362
is required. In such a case, the gain on one of the devices (VVA,
PA) is fixed and VOUT feeds the control input of the other.
C5
1nF
C7
0.1nF
C6
0.1nF
1:4
T2
AD8362
AD7294
CLPF
ENVELOPE OF
TRANSMITTED
SIGNAL
DIRECTIONAL
COUPLER
ATTENUATOR
POWER
AMPLIFIER
RF IN
VIN
VOUT
VOUT
VSET
INLO
INHI
Figure 60. Setpoint Controller Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com