Electronic Components Datasheet Search
  English  ▼

X  

S29WS064N0LBAI011 Datasheet(PDF) 32 Page - SPANSION

Part # S29WS064N0LBAI011
Description  256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS064N0LBAI011 Datasheet(HTML) 32 Page - SPANSION

Back Button S29WS064N0LBAI011 Datasheet HTML 28Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 29Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 30Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 31Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 32Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 33Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 34Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 35Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 36Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 99 page
background image
30
S29WS-N_00_G0 January 25, 2005
Adva nce
Information
Note: Base = Base Address.
The following is a C source code example of using the single word program function. Refer to
the Spansion Low Level Driver User’s Guide (available on www.amd.com and
www.fujitsu.com) for general information on Spansion Flash memory software development
guidelines.
/* Example: Program Command
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA;
/* write unlock cycle 1
*/
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055;
/* write unlock cycle 2
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x00A0;
/* write program setup command
*/
*( (UINT16 *)pa )
= data;
/* write data to be programmed
*/
/* Poll for program completion */
7.5.2 Write Buffer Programming
Write Buffer Programming allows the system to write a maximum of 32 words in one program-
ming operation. This results in a faster effective word programming time than the standard
“word” programming algorithms. The Write Buffer Programming command sequence is initiated
by first writing two unlock cycles. This is followed by a third write cycle containing the Write Buffer
Load command written at the Sector Address in which programming occurs. At this point, the sys-
tem writes the number of “word locations minus 1” that are loaded into the page buffer at the
Sector Address in which programming occurs. This tells the device how many write buffer ad-
dresses are loaded with data and therefore when to expect the “Program Buffer to Flash” confirm
command. The number of locations to program cannot exceed the size of the write buffer or the
operation aborts. (Number loaded = the number of locations to program minus 1. For example,
if the system programs 6 address locations, then 05h should be written to the device.)
The system then writes the starting address/data combination. This starting address is the first
address/data pair to be programmed, and selects the “write-buffer-page” address. All subsequent
address/data pairs must fall within the elected-write-buffer-page.
The “write-buffer-page” is selected by using the addresses AMAX - A5.
The “write-buffer-page” addresses must be the same for all address/data pairs loaded into the
write buffer. (This means Write Buffer Programming cannot be performed across multiple “write-
buffer-pages.” This also means that Write Buffer Programming cannot be performed across mul-
tiple sectors. If the system attempts to load programming data outside of the selected “write-
buffer-page”, the operation ABORTs.)
After writing the Starting Address/Data pair, the system then writes the remaining address/data
pairs into the write buffer.
Note that if a Write Buffer address location is loaded multiple times, the “address/data pair”
counter is decremented for every data load operation. Also, the last data loaded at a location be-
fore the “Program Buffer to Flash” confirm command is programmed into the device. It is the
software's responsibility to comprehend ramifications of loading a write-buffer location more than
Software Functions and Sample Code
Table 7.12. Single Word Program
(LLD Function = lld_ProgramCmd)
Cycle
Operation
Byte Address
Word Address
Data
Unlock Cycle 1
Write
Base + AAAh
Base + 555h
00AAh
Unlock Cycle 2
Write
Base + 554h
Base + 2AAh
0055h
Program Setup
Write
Base + AAAh
Base + 555h
00A0h
Program
Write
Word Address
Word Address
Data Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com