Electronic Components Datasheet Search
  English  ▼

X  

S29WS064N0LBAI011 Datasheet(PDF) 85 Page - SPANSION

Part # S29WS064N0LBAI011
Description  256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS064N0LBAI011 Datasheet(HTML) 85 Page - SPANSION

Back Button S29WS064N0LBAI011 Datasheet HTML 81Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 82Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 83Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 84Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 85Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 86Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 87Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 88Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 89Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 99 page
background image
January 25, 2005 S29WS-N_00_G0
83
Ad vance
Information
Wait State Configuration Register Setup:
D13, D12, D11 = “111” ⇒ Reserved
D13, D12, D11 = “110” ⇒ Reserved
D13, D12, D11 = “101” ⇒ 5 programmed, 7 total
D13, D12, D11 = “100” ⇒ 4 programmed, 6 total
D13, D12, D11 = “011” ⇒ 3 programmed, 5 total
D13, D12, D11 = “010” ⇒ 2 programmed, 4 total
D13, D12, D11 = “001” ⇒ 1 programmed, 3 total
D13, D12, D11 = “000” ⇒ 0 programmed, 2 total
Note: Figure assumes address D0 is not at an address boundary, and wait state is set to “101”.
Figure 11.23. Example of Wait States Insertion
Data
AVD#
OE#
CLK
12
3
4
5
D0
D1
01
6
2
7
3
total number of clock cycles
following addresses being latched
Rising edge of next clock cycle
following last wait state triggers
next burst data
number of clock cycles
programmed
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com