Electronic Components Datasheet Search
  English  ▼

X  

S29WS064N0LBAI011 Datasheet(PDF) 98 Page - SPANSION

Part # S29WS064N0LBAI011
Description  256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS064N0LBAI011 Datasheet(HTML) 98 Page - SPANSION

Back Button S29WS064N0LBAI011 Datasheet HTML 91Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 92Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 93Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 94Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 95Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 96Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 97Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 98Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 99Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 98 / 99 page
background image
96
S29WS-N_00_G0 January 25, 2005
Adva nce
Information
Wraparound
Special burst read mode where the read address “wraps” or returns back to the lowest
address boundary in the selected range of words, after reading the last Byte or Word
in the range, e.g. for a 4 word range of 0 to 3, a read beginning at word 2 would read
words in the sequence 2, 3, 0, 1.
Write
Interchangeable term for a program/erase operation where the content of a register
and or memory location is being altered. The term write is often associated with
“writing command cycles” to enter or exit a particular mode of operation.
Write Buffer
Multi-word area in which multiple words may be programmed as a single operation. A
Write Buffer may be 16 to 32 words long and is located on a 16 or 32 word boundary
respectively.
Write Buffer Programming
Method of writing multiple words, up to the maximum size of the Write Buffer, in one
operation. Using Write Buffer Programming results in
≥ 8 times faster programming
time than by using single word at a time programming commands.
Write Operation Status
Allows the host system to determine the status of a program or erase operation by
reading several special purpose register bits.
Term
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com