Electronic Components Datasheet Search
  English  ▼

X  

S29WS064N0LBAI011 Datasheet(PDF) 95 Page - SPANSION

Part # S29WS064N0LBAI011
Description  256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS064N0LBAI011 Datasheet(HTML) 95 Page - SPANSION

Back Button S29WS064N0LBAI011 Datasheet HTML 91Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 92Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 93Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 94Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 95Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 96Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 97Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 98Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 99Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 95 / 99 page
background image
January 25, 2005 S29WS-N_00_G0
93
Ad vance
Information
59h
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 1 Region Information. X = Number of sectors in bank
5Ah
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 2 Region Information. X = Number of sectors in bank
5Bh
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 3 Region Information. X = Number of sectors in bank
5Ch
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 4 Region Information. X = Number of sectors in bank
5Dh
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 5 Region Information. X = Number of sectors in bank
5Eh
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 6 Region Information. X = Number of sectors in bank
5Fh
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 7 Region Information. X = Number of sectors in bank
60h
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 8 Region Information. X = Number of sectors in bank
61h
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 9 Region Information. X = Number of sectors in bank
62h
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 10 Region Information. X = Number of sectors in bank
63h
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 11 Region Information. X = Number of sectors in bank
64h
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 12 Region Information. X = Number of sectors in bank
65h
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 13 Region Information. X = Number of sectors in bank
66h
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 14 Region Information. X = Number of sectors in bank
67h
0013h (WS256N)
000Bh (WS128N)
0007h (WS064N)
Bank 15 Region Information. X = Number of sectors in bank
Table 12.6. Primary Vendor-Specific Extended Query (Continued)
Addresses
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com