Electronic Components Datasheet Search
  English  ▼

X  

S29WS064N0LBAI011 Datasheet(PDF) 20 Page - SPANSION

Part # S29WS064N0LBAI011
Description  256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS064N0LBAI011 Datasheet(HTML) 20 Page - SPANSION

Back Button S29WS064N0LBAI011 Datasheet HTML 16Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 17Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 18Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 19Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 20Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 21Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 22Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 23Page - SPANSION S29WS064N0LBAI011 Datasheet HTML 24Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 99 page
background image
18
S29WS-N_00_G0 January 25, 2005
Adva nce
Information
Note: This table has been condensed to show sector-related information for an entire device on a single page. Sectors and their
address ranges that are not explicitly listed (such as SA005–SA009) have sector starting and ending addresses that form the same
pattern as all other sectors of that size. For example, all 128 KB sectors have the pattern xx00000h–xxFFFFh.
Table 6.2. S29WS128N Sector & Memory Address Map
Bank Size
Sector
Count
Sector Size
(KB)
Bank
Sector/
Sector Range
Address Range
Notes
1 MB
4
32
0
SA000
000000h–003FFFh
Contains four smaller sectors at
bottom of addressable memory.
32
SA001
004000h–007FFFh
32
SA002
008000h–00BFFFh
32
SA003
00C000h–00FFFFh
7
128
SA004 to SA010
010000h–01FFFFh to 070000h–07FFFFh
All 128 KB sectors.
Pattern for sector address range
is xx0000h–xxFFFFh.
(see note)
1 MB
8
128
1
SA011 to SA018
080000h–08FFFFh to 0F0000h–0FFFFFh
1 MB
8
128
2
SA019 to SA026
100000h–10FFFFh to 170000h–17FFFFh
1 MB
8
128
3
SA027 to SA034
180000h–18FFFFh to 1F0000h–1FFFFFh
1 MB
8
128
4
SA035 to SA042
200000h–20FFFFh to 270000h–27FFFFh
1 MB
8
128
5
SA043 to SA050
280000h–28FFFFh to 2F0000h–2FFFFFh
1 MB
8
128
6
SA051 to SA058
300000h–30FFFFh to 370000h–37FFFFh
1 MB
8
128
7
SA059 to SA066
380000h–38FFFFh to 3F0000h–3FFFFFh
1 MB
8
128
8
SA067 to SA074
400000h–40FFFFh to 470000h–47FFFFh
1 MB
8
128
9
SA075 to SA082
480000h–48FFFFh to 4F0000h–4FFFFFh
1 MB
8
128
10
SA083 to SA090
500000h–50FFFFh to 570000h–57FFFFh
1 MB
8
128
11
SA091 to SA098
580000h–58FFFFh to 5F0000h–5FFFFFh
1 MB
8
128
12
SA099 to SA106
600000h–60FFFFh to 670000h–67FFFFh
1 MB
8
128
13
SA107 to SA114
680000h–68FFFFh to 6F0000h–6FFFFFh
1 MB
8
128
14
SA115 to SA122
700000h–70FFFFh to 770000h–77FFFFh
1 MB
7
128
15
SA123 to SA129
780000h–78FFFFh to 7E0000h–7EFFFFh
4
32
SA130
7F0000h–7F3FFFh
Contains four smaller sectors at
top of addressable memory.
32
SA131
7F4000h–7F7FFFh
32
SA132
7F8000h–7FBFFFh
32
SA133
7FC000h–7FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com